Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VDZ200 Datasheet(PDF) 4 Page - CUI INC

Part # VDZ200
Description  dc-dc converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VDZ200 Datasheet(HTML) 4 Page - CUI INC

  VDZ200 Datasheet HTML 1Page - CUI INC VDZ200 Datasheet HTML 2Page - CUI INC VDZ200 Datasheet HTML 3Page - CUI INC VDZ200 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
rev.
page
date
DESCRIPTION: dc-dc converter
4 of 4
04/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VDZ200 series
DIMENSIONS (mm)
65.0 mm
16.0 mm
59.0 mm
42.5 mm
26.4 mm
88.0 mm
4xM3
22.0 mm
22.0 mm
13.65
52.5 mm
4xR2
100mm
Pin
Function
1
2
3
4
5
6
+Vin
-Vin
-Vout
-Vout
+Vout
Trim
12
65
4
3
(Most heat to be dissipated
from the top of case.)
TRIM DIAGRAM (mm)
10K
Ω
+Vout
-Vout
Trim
Vout
12V
15V
24V
28V
48V
Potentiometer
20K
33K
47K
47K
100K
suggested values



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com