Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VDZ360 Datasheet(PDF) 1 Page - CUI INC

Part # VDZ360
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VDZ360 Datasheet(HTML) 1 Page - CUI INC

  VDZ360 Datasheet HTML 1Page - CUI INC VDZ360 Datasheet HTML 2Page - CUI INC VDZ360 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION:
DC/DC converter
1 of 3
09/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2382
PART NUMBER:
VDZ360 series
features
·input PI filter
·high density
·2:1, 4:1 input range
·high reliability
·easy installation
·rugged
·compact
·low profile
·six side metal shielding
·low EMI interference
·perfectly suited for: transportation,
base station, telecom, and test
equipment
model
nominal
input
output
output
output
ripple
typical
number1,2
input
range
voltage
current
power
& noise
efficiency
VDZ360-D12-S12
12
9-18 Vdc
12V
6.25 A
75W
100 (mVpp)
83%
VDZ360-D12-S15
12
9-18 Vdc
15V
5.0 A
75W
120 (mVpp)
83%
VDZ360-D12-S24
12
9-18 Vdc
24V
5.2 A
125W
200 (mVpp)
84%
VDZ360-D12-S28
12
9-18 Vdc
28V
4.46 A
125W
280 (mVpp)
85%
VDZ360-D12-S48
12
9-18 Vdc
48V
2.6 A
125W
400 (mVpp)
83%
VDZ360-D24-S12
24
18-36 Vdc
12V
6.25 A
75W
100 (mVpp)
89%
VDZ360-D24-S15
24
18-36 Vdc
15V
5.0 A
75W
120 (mVpp)
88%
VDZ360-D24-S24
24
18-36 Vdc
24V
5.2 A
125W
200 (mVpp)
90%
VDZ360-D24-S28
24
18-36 Vdc
28V
2.68 A
75W
280 (mVpp)
86%
VDZ360-D24-S48
24
18-36 Vdc
48V
3.125 A
150W
400 (mVpp)
85%
VDZ360-D48-S12
48
36-72 Vdc
12V
10.41 A
125W
100 (mVpp)
87%
VDZ360-D48-S15
48
36-72 Vdc
15V
8.33 A
125W
120 (mVpp)
87%
VDZ360-D48-S24
48
36-72 Vdc
24V
5.2 A
125W
200 (mVpp)
90%
VDZ360-D48-S28
48
36-72 Vdc
28V
4.29 A
120W
280 (mVpp)
88%
VDZ360-D48-S48
48
36-72 Vdc
48V
3.125 A
150W
400 (mVpp)
86%
VDZ360-Q24-S12
18
9-36 Vdc
12V
6.25 A
75W
120 (mVpp)
83%
VDZ360-Q24-S15
18
9-36 Vdc
15V
5.0 A
75W
150 (mVpp)
83%
VDZ360-Q24-S24
18
9-36 Vdc
24V
5.0 A
120W
240 (mVpp)
85%
VDZ360-Q24-S28
18
9-36 Vdc
28V
4.29 A
120W
280 (mVpp)
85%
VDZ360-Q24-S48
18
9-36 Vdc
48V
2.5 A
120W
480 (mVpp)
82%
VDZ360-Q48-S12
48
18-72 Vdc
12V
6.25 A
75W
120 (mVpp)
84%
VDZ360-Q48-S15
48
18-72 Vdc
15V
5.0 A
75W
150 (mVpp)
84%
VDZ360-Q48-S24
48
18-72 Vdc
24V
5.0 A
120W
240 (mVpp)
85%
VDZ360-Q48-S28
48
18-72 Vdc
28V
4.29 A
120W
280 (mVpp)
86%
VDZ360-Q48-S48
48
18-72 Vdc
48V
3.125 A
150W
480 (mVpp)
85%
NOTES:
1. suffix “M” for -40~85°C operating temperature range.
2. suffix “MM” for -55~85°C operating temperature range.


Similar Part No. - VDZ360

ManufacturerPart #DatasheetDescription
logo
Rohm
VDZ36B ROHM-VDZ36B Datasheet
178Kb / 5P
Zener diode
VDZ36B ROHM-VDZ36B Datasheet
918Kb / 5P
Zener diode
VDZ36B ROHM-VDZ36B Datasheet
1Mb / 5P
Zener diode
VDZ36B ROHM-VDZ36B Datasheet
867Kb / 5P
Zener diode
VDZ36B ROHM-VDZ36B Datasheet
1Mb / 5P
Zener diode
More results

Similar Description - VDZ360

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com