Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM613FP8DT-85LF Datasheet(PDF) 4 Page - Emerging Memory & Logic Solutions Inc

Part # EM613FP8DT-85LF
Description  128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM613FP8DT-85LF Datasheet(HTML) 4 Page - Emerging Memory & Logic Solutions Inc

  EM613FP8DT-85LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM613FP8DT-85LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM613FP8DT-85LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM613FP8DT-85LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM613FP8DT-85LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM613FP8DT-85LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM613FP8DT-85LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM613FP8DT-85LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM613FP8DT-85LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EM621FU16BU Series
Low Power, 128Kx16 SRAM
4
DC AND OPERATING CHARACTERISTICS
NOTES
1. Typical values are measured at Vcc=3.0V, TA=25oC and not 100% tested.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=VSS to VCC
-1
-
1
uA
Output leakage current
ILO
CS=VIH or OE=VIH or WE=VIL or LB=UB=VIH
VIO=VSS to VCC
-1
-
1
uA
Operating power supply
ICC
IIO=0mA, CS=VIL, VIN=VIH or VIL
--
3
mA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, IIO=0mA,
CS<0.2V, LB<0.2V or/and UB<0.2V,
VIN<0.2V or VIN>VCC-0.2V
--
3
mA
ICC2
Cycle time = Min, IIO=0mA, 100% duty,
CS=VIL, LB=VIL or/and UB=VIL ,
VIN=VIL or VIH
45ns
-
-
35
mA
55ns
-
-
30
70ns
-
-
25
Output low voltage
VOL
IOL = 2.1mA
--
0.4
V
Output high voltage
VOH
IOH = -1.0mA
2.4
-
-
V
Standby Current (TTL)
ISB
CS=VIH, Other inputs=VIH or VIL
--
0.3
mA
Standby Current (CMOS)
ISB1
CS>VCC-0.2V, (CS controlled)
Other inputs = 0~VCC
(Typ. condition : VCC=3.0V @ 25
oC)
(Max. condition : VCC=3.3V @ 85
oC)
LF
-
11)
10
uA
RECOMMENDED DC OPERATING CONDITIONS 1)
1. TA= -40 to 85oC, otherwise specified
2. Overshoot: VCC +2.0 V in case of pulse width < 20ns
3. Undershoot: -2.0 V in case of pulse width < 20ns
4. Overshoot and undershoot are sampled, not 100% tested
.
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
2.7
3.0
3.3
V
Ground
VSS
00
0
V
Input high voltage
VIH
2.0
-
VCC + 0.22)
V
Input low voltage
VIL
-0.23)
-0.6
V
CAPACITANCE1) (f =1MHz, TA=25oC)
1. Capacitance is sampled, not 100% tested.
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Ouput capacitance
CIO
VIO=0V
-
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com