Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72311R6T7S Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST72311R6T7S
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311R6T7S Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST72311R6T7S Datasheet HTML 48Page - STMicroelectronics ST72311R6T7S Datasheet HTML 49Page - STMicroelectronics ST72311R6T7S Datasheet HTML 50Page - STMicroelectronics ST72311R6T7S Datasheet HTML 51Page - STMicroelectronics ST72311R6T7S Datasheet HTML 52Page - STMicroelectronics ST72311R6T7S Datasheet HTML 53Page - STMicroelectronics ST72311R6T7S Datasheet HTML 54Page - STMicroelectronics ST72311R6T7S Datasheet HTML 55Page - STMicroelectronics ST72311R6T7S Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
52/164
10.2 MAIN CLOCK CONTROLLER WITH REAL TIME CLOCK TIMER (MCC/RTC)
The Main Clock Controller consists of three differ-
ent functions:
s
a programmable CPU clock prescaler
s
a clock-out signal to supply external devices
s
a real time clock timer with interrupt capability
Each function can be used independently and si-
multaneously.
10.2.1 Programmable CPU Clock Prescaler
The programmable CPU clock prescaler supplies
the clock for the ST7 CPU and its internal periph-
erals. It manages SLOW power saving mode (See
Section 7.2 ”SLOW MODE” on page 34 for more
details).
The prescaler selects the fCPU main clock frequen-
cy and is controlled by three bits in the MISCR1
register: CP[1:0] and SMS.
CAUTION: The prescaler does not act on the CAN
peripheral clock source. This peripheral is always
supplied by the fOSC/2 clock source.
10.2.2 Clock-out Capability
The clock-out capability is an alternate function of
an I/O port pin that outputs a fOSC/2 clock to drive
external devices. It is controlled by the MCO bit in
the MISCR1 register.
CAUTION: When selected, the clock out pin sus-
pends the clock during ACTIVE-HALT mode.
10.2.3 Real Time Clock Timer (RTC)
The counter of the real time clock timer allows an
interrupt to be generated based on an accurate
real time clock. Four different time bases depend-
ing directly on fOSC are available. The whole func-
tionality is controlled by four bits of the MCCSR
register: TB[1:0], OIE and OIF.
When the RTC interrupt is enabled (OIE bit set),
the ST7 enters ACTIVE-HALT mode when the
HALT instruction is executed. See Section 7.4
”ACTIVE-HALT AND HALT MODES” on page 36
for more details.
Figure 29. Main Clock Controller (MCC/RTC) Block Diagram
DIV2,4,8,16
MCC/RTC INTERRUPT
DIV 2
SMS
CP1 CP0
TB1 TB0 OIE OIF
CPU CLOCK
MISCR1
RTC
COUNTER
CLOCK TO CAN
TO CPU AND
PERIPHERALS
fOSC
fCPU
MCO
PORT
FUNCTION
ALTERNATE
MCO
-
-
-
-
0
0
0
0
MCCSR
fOSC/2
PERIPHERAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com