Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM5451BN Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MM5451BN
Description  LED Display Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MM5451BN Datasheet(HTML) 2 Page - Micrel Semiconductor

  MM5451BN Datasheet HTML 1Page - Micrel Semiconductor MM5451BN Datasheet HTML 2Page - Micrel Semiconductor MM5451BN Datasheet HTML 3Page - Micrel Semiconductor MM5451BN Datasheet HTML 4Page - Micrel Semiconductor MM5451BN Datasheet HTML 5Page - Micrel Semiconductor MM5451BN Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N7000
Electrical Characteristics ( T
J = 25 °C unless otherwise noted )
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
60
-
-
V
Δ
BVDSS/
Δ
TJ
Breakdown Voltage Temperature
coefficient
ID = 250uA, referenced to 25 °C
-48
-
mV/°C
IDSS
Drain-Source Leakage Current
VDS = 60V, VGS = 0V
VDS = 60V, VGS = 0V, TJ = 125 °C
--
1
1000
uA
IGSS
Gate-Source Leakage, Forward
VGS = 20V, VDS = 0V
100
nA
Gate-Source Leakage, Reverse
VGS = -20V, VDS = 0V
-
-
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250uA
1.0
-
2.5
V
RDS(ON)
Static Drain-Source On-state
Resistance
VGS = 10 V, ID = 500mA
VGS = 4.5 V, ID = 75mA
-
-
1.55
1.9
5
5.3
Ω
Dynamic Characteristics
Ciss
Input Capacitance
VGS =0 V, VDS =25V, f = 1MHz
-20
25
pF
Coss
Output Capacitance
-
11
14
Crss
Reverse Transfer Capacitance
-
3
4
Dynamic Characteristics
td(on)
Turn-on Delay Time
VDD =30V, ID =200mA, RG =50Ω
VGS = 10 V
(Note 2,3)
-4
18
ns
tr
Rise Time
-
2.5
15
td(off)
Turn-off Delay Time
-
17
44
tf
Fall Time
-
7
24
Qg
Total Gate Charge
VDS =30V, VGS =4.5V, ID =200mA
(Note 2,3)
-
0.5
0.65
nC
Qgs
Gate-Source Charge
-
0.15
-
Qgd
Gate-Drain Charge(Miller Charge)
-
0.2
-
Source-Drain Diode Ratings and Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
IS
Maximum Continuous Diode Forward Current
-
-
200
mA
VSD
Diode Forward Voltage
IS =200mA, VGS =0V
(Note 2)
--
1.2
V
※ NOTES
1. Repeativity rating : pulse width limited by junction temperature
2. Pulse Test : Pulse Width ≤ 300us, Duty Cycle ≤ 2%
3. Essentially independent of operating temperature.
2/6
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com