Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

97SD3240 Datasheet(PDF) 21 Page - Maxwell Technologies

Part # 97SD3240
Description  1.25Gb SDRAM 8-Meg X 40-Bit X 4-Banks
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

97SD3240 Datasheet(HTML) 21 Page - Maxwell Technologies

Back Button 97SD3240 Datasheet HTML 17Page - Maxwell Technologies 97SD3240 Datasheet HTML 18Page - Maxwell Technologies 97SD3240 Datasheet HTML 19Page - Maxwell Technologies 97SD3240 Datasheet HTML 20Page - Maxwell Technologies 97SD3240 Datasheet HTML 21Page - Maxwell Technologies 97SD3240 Datasheet HTML 22Page - Maxwell Technologies 97SD3240 Datasheet HTML 23Page - Maxwell Technologies 97SD3240 Datasheet HTML 24Page - Maxwell Technologies 97SD3240 Datasheet HTML 25Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
97SD3240
21
All data sheets are subject to change without notice
©2006 Maxwell Technologies
All rights reserved.
1.25Gb (8-Meg X 40-Bit X 4-Banks) SDRAM
05.10.06 Rev 4
Write Operation: Burst write or single write mode is selected by the OPCODE (BA1, BA0, A12, A11, A10,
A9, A8) of the mode register.
1. Burst write: A burst write operation is enabled by setting OPCODE (A9, A8) to (0, 0). A burst write starts
in the same clock as a write command set. (The latency of data input is 0 clock.) The burst length can be set
to 1, 2, 4, or 8, like burst read operations. The write start address is specified by the column address and the
bank select address (BA0/BA1) at the write command set cycle.
2. Single write: A single write operation is enabled by setting OPCODE ( A9, A8) to (1, 0). In a single write
operation, data is only written to the column address and the bank select address (BA0/BA1) specified by
the write command set cycle without regard to the burst length setting. ( The latency of data input is 0 clock.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com