Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92163N4B0E Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST92163N4B0E
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163N4B0E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST92163N4B0E Datasheet HTML 17Page - STMicroelectronics ST92163N4B0E Datasheet HTML 18Page - STMicroelectronics ST92163N4B0E Datasheet HTML 19Page - STMicroelectronics ST92163N4B0E Datasheet HTML 20Page - STMicroelectronics ST92163N4B0E Datasheet HTML 21Page - STMicroelectronics ST92163N4B0E Datasheet HTML 22Page - STMicroelectronics ST92163N4B0E Datasheet HTML 23Page - STMicroelectronics ST92163N4B0E Datasheet HTML 24Page - STMicroelectronics ST92163N4B0E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 224 page
background image
21/224
ST92163 - GENERAL DESCRIPTION
Table 6. Group F Pages Register Map
Resources available on the ST92163 device:
Register
Page
0
2
3
4
5
9
1015
20
21
244355
57
62
R255
Res.
Res.
Res.
USB
Endpoints
Res.
MFT
USB
Com-
mon
I2C
MMU
SCI
Port
9
Res.
WUI
MU
ADC
R254
Port
3
R253
R252
WCR
R251
WDT
Res.
Port
6
Port
8
R250
R249
R248
Res.
R247
EXT
INT
Res.
Res.
R246
Port
5
RCCU
R245
R244
R243
Res.
MFT
R242
Port
4
R241
Res.
R240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com