Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M93C66-RBN3TG Datasheet(PDF) 18 Page - STMicroelectronics

Part # M93C66-RBN3TG
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C66-RBN3TG Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M93C66-RBN3TG Datasheet HTML 14Page - STMicroelectronics M93C66-RBN3TG Datasheet HTML 15Page - STMicroelectronics M93C66-RBN3TG Datasheet HTML 16Page - STMicroelectronics M93C66-RBN3TG Datasheet HTML 17Page - STMicroelectronics M93C66-RBN3TG Datasheet HTML 18Page - STMicroelectronics M93C66-RBN3TG Datasheet HTML 19Page - STMicroelectronics M93C66-RBN3TG Datasheet HTML 20Page - STMicroelectronics M93C66-RBN3TG Datasheet HTML 21Page - STMicroelectronics M93C66-RBN3TG Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
READY/BUSY status
M93C86, M93C76, M93C66, M93C56, M93C46
18/37
6
READY/BUSY status
While the Write or Erase cycle is underway, for a WRITE, ERASE, WRAL or ERAL
instruction, the Busy signal (Q=0) is returned whenever Chip Select input (S) is driven high.
(Please note, though, that there is an initial delay, of tSLSH, before this status information
becomes available). In this state, the M93Cx6 ignores any data on the bus. When the Write
cycle is completed, and Chip Select Input (S) is driven high, the Ready signal (Q=1)
indicates that the M93Cx6 is ready to receive the next instruction. Serial Data Output (Q)
remains set to 1 until the Chip Select Input (S) is brought low or until a new start bit is
decoded.
7
Initial delivery state
The device is delivered with all bits in the memory array set to 1 (each byte contains FFh).
8
Common I/O operation
Serial Data Output (Q) and Serial Data Input (D) can be connected together, through a
current limiting resistor, to form a common, single-wire data bus. Some precautions must be
taken when operating the memory in this way, mostly to prevent a short circuit current from
flowing when the last address bit (A0) clashes with the first data bit on Serial Data Output
(Q). Please see the application note AN394 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com