Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB3NC60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB3NC60
Description  N - CHANNEL 600V - 3.3ohm- 3A - D2PAK/I2PAK PowerMESHII MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB3NC60 Datasheet(HTML) 1 Page - STMicroelectronics

  STB3NC60 Datasheet HTML 1Page - STMicroelectronics STB3NC60 Datasheet HTML 2Page - STMicroelectronics STB3NC60 Datasheet HTML 3Page - STMicroelectronics STB3NC60 Datasheet HTML 4Page - STMicroelectronics STB3NC60 Datasheet HTML 5Page - STMicroelectronics STB3NC60 Datasheet HTML 6Page - STMicroelectronics STB3NC60 Datasheet HTML 7Page - STMicroelectronics STB3NC60 Datasheet HTML 8Page - STMicroelectronics STB3NC60 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STB3NC60
N - CHANNEL 600V - 3.3
Ω -3A - D2PAK/I2PAK
PowerMESH
™ ΙΙ MOSFET
ν
TYPICAL RDS(on) = 3.3
Ω
ν
EXTREMELY HIGH dv/dt CAPABILITY
ν
100% AVALANCHE TESTED
ν
VERY LOW INTRINSIC CAPACITANCES
ν
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™ II is the evolution of the first
generation of MESH OVERLAY
™ . The layout
refinements
introduced
greatly
improve
the
Ron*area figure of merit while keeping the device
at the leading edge for what concerns switching
speed, gate charge and ruggedness.
APPLICATIONS
ν
HIGH CURRENT, HIGH SPEED SWITCHING
ν
SWITCH MODE POWER SUPPLIES (SMPS)
ν
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
February 2000
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Uni t
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
600
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC3
A
ID
Drain Current (continuous) at Tc = 100
oC
1.9
A
IDM(
•)
Drain Current (pulsed)
12
A
Ptot
T otal Dissipation at Tc =25
oC80
W
Derating Fact or
0. 64
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
4
V/ ns
Tstg
Storage Temperat ure
-65 to 150
oC
Tj
Max. O perat ing Junct ion Temperature
150
oC
(
•) Pulse width limited by safe operating area
(1)ISD
≤3A, di/dt ≤ 100 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
T YPE
VDSS
RDS(on)
ID
STB3NC60
600 V
< 3.6
Ω
3A
1
2 3
1
3
I
2PAK
TO-262
(Suffix ”-1”)
D
2PAK
TO-263
(Suffix ”T4”)
1/9


Similar Part No. - STB3NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NC90 STMICROELECTRONICS-STB3NC90 Datasheet
418Kb / 9P
N-CHANNEL 900V - 3.2Ω - 3.5A D2PAK Zener-Protected PowerMESH™ III MOSFET
May-2001
STB3NC90Z STMICROELECTRONICS-STB3NC90Z Datasheet
418Kb / 9P
N-CHANNEL 900V - 3.2Ω - 3.5A D2PAK Zener-Protected PowerMESH™ III MOSFET
May-2001
STB3NC90Z-1 STMICROELECTRONICS-STB3NC90Z-1 Datasheet
335Kb / 11P
N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH™ II MOSFET
Jan-2001
More results

Similar Description - STB3NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NB60 STMICROELECTRONICS-STB3NB60 Datasheet
90Kb / 9P
N - CHANNEL 600V - 3.3ohm - 3.3A - D2PAK/I2PAK PowerMESH MOSFET
Jun-1998
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STB7NB60 STMICROELECTRONICS-STB7NB60 Datasheet
99Kb / 9P
N - CHANNEL 600V - 1.0 OMH - 7.2A - I2PAK/D2PAK PowerMESH MOSFET
Jun-1998
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STB9NC60 STMICROELECTRONICS-STB9NC60 Datasheet
461Kb / 10P
N-CHANNEL 600V - 0.6ohm - 9A - D2PAK/I2PAK PowerMesh™ I MOSFET
Feb-2002
STGB3NB60SD STMICROELECTRONICS-STGB3NB60SD Datasheet
336Kb / 8P
N-CHANNEL 3A - 600V D2PAK Power MESH™ IGBT
Nov-2000
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
17-Feb-2005
STP3NC60 STMICROELECTRONICS-STP3NC60 Datasheet
108Kb / 9P
N-CHANNEL 600V - 3.3ohm - 3A TO-220/TO-220FP PowerMeshII MOSFET
May-2000
STU11NC60 STMICROELECTRONICS-STU11NC60 Datasheet
85Kb / 8P
N-CHANNEL 600V - 0.48ohm - 11A Max220 PowerMeshII MOSFET
Jun-2000
STW12NC60 STMICROELECTRONICS-STW12NC60 Datasheet
86Kb / 8P
N-CHANNEL 600V - 0.48ohm - 12A TO-247 PowerMeshII MOSFET
Jun-2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com