Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT3YA7M Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT3YA7M
Description  Composite Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3YA7M Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT3YA7M Datasheet HTML 1Page - Isahaya Electronics Corporation RT3YA7M Datasheet HTML 2Page - Isahaya Electronics Corporation RT3YA7M Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
RT3YA7M is a composite transistor built with
RT1P140 and two muting transistor with resistor in
SC-88 package.
FEATURE
・
RT3Y97M is built in RTr1 side RT1P140,and RTr2,RTr3 side
composite muting transistor with resistor.
・
Built-in bias resistor RTr1:R1=10kΩ RTr2,RTr3:R1=4.7kΩ
・
Mini package for easy mounting
APPLICATION
muting circuit、switching circuit
RT3YA7M
Composite Transistor
For Muting Application
OUTLINE DRAWING
Unit:mm
①
MARKING
⑥⑤④
①② ③
9
C97
Y99
C9
.
7
YA
⑥⑤④
①② ③
9
C97
Y99
C9
.
7
YA
TERMINAL
CONNECTOR
①:
BASE1
②:
COLLECTOR1
BASE2,3
③:
COLLECTOR2,3
④:
EMITTER3
⑤:
EMITTER2
⑥
:EMITTER1
JEITA:SC-88
1.25
2.1
①
②
③
⑤
④
⑥
MAXIMUM RATING (Ta=25℃)
SYMBOL
PARAMETER
RTr1
RATING
RTr2,RTr3
RATING
UNIT
VCBO
Collector to Base voltage
-9
40
V
VEBO
Emitter to Base voltage
-50
40
V
VCEO
Collector to Emitter voltage
-9
15
V
IC
Collector current
-100
200
mA
PC(Total)
Collector dissipation(Ta=25 )
150
mW
Tj
Junction temperature
+
150
℃
Tstg
Storage temperature
-55~+150
℃
ISAHAYA ELECTRONICS CORPORATION
②
③
⑤
⑥
④
RTr1
RTr2
RTr3


Similar Part No. - RT3YA7M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3Y97M ISAHAYA-RT3Y97M Datasheet
143Kb / 4P
Composite Transistor
RT3YB7M ISAHAYA-RT3YB7M Datasheet
143Kb / 4P
Composite Transistor For Muting Application
More results

Similar Description - RT3YA7M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3AMMM ISAHAYA-RT3AMMM Datasheet
138Kb / 4P
Composite Transistor
RT3J22M ISAHAYA-RT3J22M Datasheet
147Kb / 4P
Composite Transistor
RT3J33M ISAHAYA-RT3J33M Datasheet
147Kb / 4P
Composite Transistor
RT3K11M ISAHAYA-RT3K11M Datasheet
147Kb / 4P
Composite Transistor
RT3K22M ISAHAYA-RT3K22M Datasheet
146Kb / 4P
Composite Transistor
RT3U11M ISAHAYA-RT3U11M Datasheet
169Kb / 5P
Composite Transistor
RT3U22M ISAHAYA-RT3U22M Datasheet
170Kb / 5P
Composite Transistor
RT3X99M ISAHAYA-RT3X99M Datasheet
140Kb / 4P
Composite Transistor
RT3XBBM ISAHAYA-RT3XBBM Datasheet
141Kb / 4P
Composite Transistor
RT3Y97M ISAHAYA-RT3Y97M Datasheet
143Kb / 4P
Composite Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com