Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB4NC50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB4NC50
Description  N-CHANNEL 500V - 2.2Ω - 4A D2PAK PowerMesh™ II MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4NC50 Datasheet(HTML) 1 Page - STMicroelectronics

  STB4NC50 Datasheet HTML 1Page - STMicroelectronics STB4NC50 Datasheet HTML 2Page - STMicroelectronics STB4NC50 Datasheet HTML 3Page - STMicroelectronics STB4NC50 Datasheet HTML 4Page - STMicroelectronics STB4NC50 Datasheet HTML 5Page - STMicroelectronics STB4NC50 Datasheet HTML 6Page - STMicroelectronics STB4NC50 Datasheet HTML 7Page - STMicroelectronics STB4NC50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2000
STB4NC50
N-CHANNEL 500V - 2.2
Ω - 4A D2PAK
PowerMesh™II MOSFET
s
TYPICAL RDS(on) = 2.2 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVERS
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
(1)ISD ≤4A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
TYPE
VDSS
RDS(on)
ID
STB4NC50
500V
< 2.7
Ω
4 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
500
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
500
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
4A
ID
Drain Current (continuos) at TC = 100°C
2.5
A
IDM (q)
Drain Current (pulsed)
12
A
PTOT
Total Dissipation at TC = 25°C
80
W
Derating Factor
0.64
W/°C
dv/dt(1)
Peak Diode Recovery voltage slope
3.5
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
1
3
D²PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB4NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4NC60 STMICROELECTRONICS-STB4NC60 Datasheet
429Kb / 9P
N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh™ I MOSFET
Oct-2001
STB4NC60-1 STMICROELECTRONICS-STB4NC60-1 Datasheet
356Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Apr-2003
STB4NC60A-1 STMICROELECTRONICS-STB4NC60A-1 Datasheet
338Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Jul-2001
logo
VBsemi Electronics Co.,...
STB4NC60T4 VBSEMI-STB4NC60T4 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STB4NC80Z STMICROELECTRONICS-STB4NC80Z Datasheet
526Kb / 13P
N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
Dec-2002
More results

Similar Description - STB4NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NB20 STMICROELECTRONICS-STB10NB20 Datasheet
81Kb / 8P
N - CHANNEL 200V - 0.30ohm - 10A - D2PAK PowerMESH] MOSFET
Nov-1998
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
Mar-1999
STB10NC50-1 STMICROELECTRONICS-STB10NC50-1 Datasheet
55Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - I2PAK/D2PAK PowerMESH] MOSFET
Dec-1999
STB6NB50 STMICROELECTRONICS-STB6NB50 Datasheet
92Kb / 9P
N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
Nov-1999
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
441Kb / 9P
N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh™ I MOSFET
Nov-2001
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh™ I MOSFET
Dec-2002
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
May-2001
logo
Unisonic Technologies
4N50_1109 UTC-4N50_1109 Datasheet
183Kb / 6P
4A, 500V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDD5N50NZ FAIRCHILD-FDD5N50NZ Datasheet
519Kb / 8P
N-Channel MOSFET 500V, 4A, 1.5?
logo
Rectron Semiconductor
RM4N500LD RECTRON-RM4N500LD Datasheet
390Kb / 6P
4A,500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com