Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC326SP16AJS-85LL Datasheet(PDF) 12 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJS-85LL
Description  2Mx16 bit CellularRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJS-85LL Datasheet(HTML) 12 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJS-85LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
12
Preliminary
Burst Mode Operation
Burst mode operations enable high-speed synchronous READ and WRITE operations. Burst operations consist of a multi-clock
sequence that must be performed in an ordered fashion. After CE# goes LOW, the address to access is latched on the rising edge of
the next clock that ADV# is LOW. During this first clock rising edge, WE# indicates whether the operation is going to be a READ (WE#
= HIGH, Figure 6) or a WRITE (WE# = LOW, Figure 7).
Figure 6: Burst Mode READ (4-word burst)
Note: Non-default BCR settings for burst mode READ (4-word burst): Fixed or variable latency; Latency code 2 (3 clocks); WAIT active LOW; WAIT
asserted during delay. Diagram in the figure 6 is representative of variable latency with no refresh collision or fixed-latency access.
CLK
Latency Code 2 (3 clocks)
Don’t Care
Undefined
READ Burst Identified
(WE# = HIGH)
A[20:0]
ADV#
WE#
LB#/UB#
WAIT
DQ[15:0]
Address
Valid
D0
D1
D2
D3
CE#
OE#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com