Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC7221AIM5 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7221AIM5
Description  Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7221AIM5 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC7221AIM5 Datasheet HTML 1Page - National Semiconductor (TI) LMC7221AIM5 Datasheet HTML 2Page - National Semiconductor (TI) LMC7221AIM5 Datasheet HTML 3Page - National Semiconductor (TI) LMC7221AIM5 Datasheet HTML 4Page - National Semiconductor (TI) LMC7221AIM5 Datasheet HTML 5Page - National Semiconductor (TI) LMC7221AIM5 Datasheet HTML 6Page - National Semiconductor (TI) LMC7221AIM5 Datasheet HTML 7Page - National Semiconductor (TI) LMC7221AIM5 Datasheet HTML 8Page - National Semiconductor (TI) LMC7221AIM5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Typical Performance Characteristics
Supply Current vs. Supply Voltage
Supply Current vs. Temperature while Sinking
01234603
01234604
Output Sinking Current vs. Supply Voltage
Output Sinking Current vs. Output Voltage @ 5V
01234605
01234606
Output Sinking Current vs. Output Voltage @ 15V
Response Time for Various Input Overdrives −t
PHL
01234607
01234608
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com