Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC326SP16AJS-85LF Datasheet(PDF) 8 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJS-85LF
Description  2Mx16 bit CellularRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJS-85LF Datasheet(HTML) 8 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJS-85LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LF Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
8
Preliminary
Table 2: Bus Operations
Note:
1. CLK must be LOW during async read and async write modes; and to achieve standby power during standby and DPD modes. CLK must be static
(HIGH or LOW) during burst suspend.
2. The WAIT polarity is configured through the bus configuration register (BCR[10]).
3. When LB# and UB# are in select mode (LOW), DQ[15:0] are affected. When only LB# is in select mode, DQ[7:0] are affected. When only UB# is
in the select mode, DQ[15:8] are affected.
4. The device will consume active power in this mode whenever addresses are changed.
5. When the device is in standby mode, address inputs and data inputs/outputs are internally isolated from any external influence.
6. VIN = VccQ or 0V; all device pins must be static (unswitched) in order to achieve standby current.
7. DPD is initiated when CE# transitions from LOW to HIGH after writing RCR[4] to 0. DPD is maintained until CE# transitions from HIGH to LOW.
8. When the BCR is configured for sync mode, sync READ and WRITE, and async WRITE are supported by EMLSI.
9. Burst mode operation is initialized through the bus configuration register (BCR[15]).
10. Initial cycle. Following cycles are the same as BURST CONTINUE. CE# must stay LOW for the equivalent of a single-word burst (as indicated by
WAIT).
Asynchfonous Mode
BCR[15]=1
Power
CLK1 ADV#
CE#
OE#
WE#
CRE
UB#/
LB#
WAIT2
DQ[15:0]3
Note
Read
Active
L
L
L
L
H
L
L
Low-z
Data out
4
Write
Active
L
L
L
X
L
L
L
Low-z
Data in
4
Standby
Standby
L
X
H
X
X
L
X
High-z
High-z
5, 6
No operation
Idle
L
X
L
X
X
L
X
Low-z
X
4, 6
Configuration register
write
Active
L
L
L
H
L
H
X
Low-z
High-z
Configuration register
read
Active
LL
LL
H
H
L
Low-z
Config.
Reg.out
DPD
Deep
Power-down
L
X
H
X
X
X
X
High-z
High-z
7
Burst Mode
BCR[15]=0
Power
CLK1 ADV#
CE#
OE#
WE#
CRE
UB#/
LB#
WAIT2
DQ[15:0]3
Note
Async read
Active
L
L
L
L
H
L
L
Low-z
Data out
4, 8
Async write
Active
L
L
L
X
L
L
L
Low-z
Data in
4
Standby
Standby
L
X
H
X
X
L
X
High-z
High-z
5, 6
No operation
Idle
L
X
L
X
X
L
X
Low-z
X
4, 6
Initial burst read
Active
L
L
X
H
L
L
Low-z
X
4, 9
Initial burst write
Active
L
L
H
L
L
X
Low-z
X
4, 9
Burst continue
Active
H
L
X
X
X
L
Low-z
Data out or
Data in
4, 9
Burst suspend
Active
X
X
L
H
X
X
X
Low-z
High-z
4, 9
Configuration register
write
Active
L
L
H
L
H
X
Low-z
High-z
9, 10
Configuration register
read
Active
L
L
L
H
H
L
Low-z
Config.
Reg.out
9, 10
DPD
Deep
Power-down
L
X
H
X
X
X
X
High-z
High-z
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com