Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM742SP16-10LL Datasheet(PDF) 5 Page - Emerging Memory & Logic Solutions Inc

Part # EM742SP16-10LL
Description  256K x 16Bit Multiplexed Single Transistor RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM742SP16-10LL Datasheet(HTML) 5 Page - Emerging Memory & Logic Solutions Inc

  EM742SP16-10LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM742SP16-10LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM742SP16-10LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM742SP16-10LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM742SP16-10LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM742SP16-10LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM742SP16-10LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM742SP16-10LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM742SP16-10LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EM742SP16
256Kx16 Multiplexed STRAM
5
AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference)
Input Pulse Level : 0.2V to VCCQ-0.2V
Input Rise and Fall Time : 5ns
Input and Output reference Voltage : VCCQ/2
Output Load (See right) : CL1) = 30pF
1. Including scope and Jig capacitance
CL1)
Parameter List
Symbol
Speed
Unit
Min
Max
Common
AVD Low pulse
tAVD
15
1000
ns
Address setup to AVD rising edge
tAVDS
15
-
ns
Address hold from AVD rising edge
tAVDH
5
-
ns
Chip enable setup to AVD rising edge
tCSS
7
-
ns
Read
AVD low to data valid time
tACC1
-
70
ns
Address access time
tACC2
-
70
ns
Chip enable to data output
tACC3
-
70
ns
Address disable to output enable
tADOE
0
-
ns
Output enable to valid output
tOE
-
25
ns
UB, LB enable to data output
tUBLBA
-
25
ns
UB, LB enable to low-Z output
tBLZ
5
-
ns
Output enable to low-Z output
tOLZ
5
-
ns
Chip disable to high-Z output
tHZ
-
15
ns
UB, LB disable to high-Z output
tBHZ
-
15
ns
Output disable to high-Z output
tOHZ
-
15
ns
Write
AVD low to end of write
tACW1
70
-
ns
Address valid to end of write
tACW2
70
-
ns
Chip enable to end of write
tACW3
70
-
ns
Write pulse low
tWRL
45
-
ns
UB, LB valid to end of write
tBW
50
-
ns
Data to write time overlap
tDW
25
-
ns
Data hold from write time
tDH
0
-
ns
AC CHARACTERISTICS (Vcc = 1.7 to 1.9V, Gnd = 0V, TA = -25C to +85oC)
Dout



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com