Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMMAAS68K-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DMMAAS68K-F
Description  Polyester Film Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DMMAAS68K-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DMMAAS68K-F Datasheet HTML 1Page - List of Unclassifed Manufacturers DMMAAS68K-F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier
•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Type DMMA Polyester Film Capacitors
Ratings
RoHS Compliant
Metallized
Radial Leads
Specifications
AC Applications
Low ESR
Voltage Range: 125-680 Vac, 60 Hz (250-1000 Vdc)
Capacitance Range: .01-5 µF
Capacitance Tolerance: ±10% (K) standard
±5% (J) optional
Operating Temperature Range: -55 °C to 125 °C*
*Full-rated voltage at 85 °C–Derate linearly to 50%-rated voltage at 125 °C
Dielectric Strength: 160% (1 minute)
Dissipation Factor: .60% Max. (25 °C, 1 kHz)
Insulation Resistance: 10,000 MΩ x µF
30,000 MΩ Min.
Life Test: 500 Hours at 85 °C at 125%
Rated Voltage
NOTE: Other capacitance values, sizes and performance specifications are
available. Contact us.
Type DMMA radial-leaded, metallized polyester capacitors
are designed for AC rated applications. Self healing, low DF,
and cornona-free at high AC voltages, Type DMMA is the
preferred value for medium current, AC applications.
T
H
L
S
T
H
L
S
Cap.
Catalog
Maximum
Maximum Maximum
±.062 (1.6 )
Cap.
Catalog
Maximum Maximum Maximum ±.062 (1.6 )
(µF)
Part Number
In. (mm)
In. (mm)
In. (mm)
In. (mm)
(µF)
Part Number
In. (mm)
In. (mm)
In. (mm)
In. (mm)
125 Vac (250 Vdc)
240 Vac (400 Vdc)
0.047 DMMAAS47K-F
.325 (8.3)
.450 (11.4) .625 (15.9)
.375 (9.5)
0.022 DMMABS22K-F .325 (8.3) .455 (11.6) 0.750 (19) .500 (12.7)
0.068 DMMAAS68K-F
.325 (8.3)
.450 (11.4) .750 (19.0)
.500 (12.7)
0.033 DMMABS33K-F .325 (8.3) .455 (11.6) 0.750 (19) .500 (12.7)
0.100 DMMAAP1K -F
.325 (8.3)
.480 (12.2) .750 (19.0)
.500 (12.7)
0.047 DMMABS47K-F .325 (8.3) .47 (11.9) 0.750 (19) .500 (12.7)
0.150 DMMAAP15K -F
.375 (9.5)
.530 (13.5) .750 (19.0)
.500 (12.7)
0.068 DMMABS68K-F .325 (8.3) .515 (13.1) 0.750 (19) .500 (12.7)
0.220 DMMAAP22K-F
.420 (10.7) .590 (15.0) .750 (19.0)
.500 (12.7)
0.100 DMMABP1K-F
.325 (8.3) .485 (12.3) 1.062 (27) .812 (20.6)
0.330 DMMAAP33K-F
.485 (12.3) .650 (16.5) .750 (19.0)
.500 (12.7)
0.150 DMMABP15K-F .355 (9.0) .515 (13.1) 1.062 (27) .812 (20.6)
0.470 DMMAAP47K-F
.440 (11.2) .610 (15.5) 1.062 (27.0) .812 (20.6)
0.220 DMMABP22K-F .405 (10.3) .565 (14.3) 1.062 (27) .812 (20.6)
0.680 DMMAAP68K-F
.480 (12.2) .670 (17.0) 1.062 (27.0) .812 (20.6)
0.330 DMMABP33K-F .450 (11.4) .640 (16.3) 1.062 (27) .812 (20.6)
1.000 DMMAAW1K-F
.545 (13.8) .750 (19.0) 1.062 (27.0) .812 (20.6)
0.470 DMMABP47K-F .465 (11.8) .655 (16.6) 1.250 (31.7) 1.000 (25.4)
1.500 DMMAAW1P5K-F .575 (14.6) .800 (20.3) 1.250 (31.7) 1.000 (25.4)
0.680 DMMABP68K-F .530 (13.5) .735 (18.7) 1.250 (31.7) 1.000 (25.4)
2.000 DMMAAW2K-F
.655 (16.6) .860 (21.8) 1.250 (31.7) 1.000 (25.4)
1.000 DMMABW1K-F .590 (15.0) .845 (21.5) 1.250 (31.7) 1.000 (25.4)
3.000 DMMAAW3K-F
.685 (17.4) .905 (23.0)) 1.500 (38.1) 1.250 (31.7)
1.500 DMMABW1P5K-F .640 (16.3) .875 (22.2) 1.500 (38.1) 1.250 (31.7)
4.000 DMMAAW4K-F
.710 (18.0) .925 (23.5) 1.500 (38.1) 1.250 (31.7)
2.000 DMMABW2K-F .720 (18.3) .955 (24.2) 1.500 (38.1) 1.250 (31.7)
5.000 DMMAAW5K-F
.775 (19.7) 1.050 (26.7) 1.500 (38.1) 1.250 (31.7)
3.000 DMMABW3K-F .780 (19.8) 1.020 (25.9)1.500 (38.1) 1.250 (31.7)
Pulse Capability
Rated
Volts
Body Length
0.625 .750-.937 1.062-1.125 1.250-1.500 ≥1.687
dV/dt – volts per microsecond, maximum
125
62
34
16
12
240
46
22
16
10
360
111
72
58
29
480
221
122
85
47


Similar Part No. - DMMAAS68K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DMMAAS68K-F CDE-DMMAAS68K-F Datasheet
184Kb / 2P
Polyester Film Capacitors Metallized Radial Leads
More results

Similar Description - DMMAAS68K-F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D Datasheet
71Kb / 3P
POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
DMM1P15K-F ETC2-DMM1P15K-F Datasheet
205Kb / 2P
Polyester Film Capacitors
DMT1D1K-F ETC2-DMT1D1K-F Datasheet
375Kb / 3P
Polyester Film Capacitors
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
Polyester Film Capacitors
MMWA05P1K-F CDE-MMWA05P1K-F Datasheet
520Kb / 2P
Polyester Film Capacitors
WMF05S82K-F CDE-WMF05S82K-F Datasheet
185Kb / 2P
Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEI MERITEK-PEI Datasheet
122Kb / 1P
Polyester Film Capacitors
PEN MERITEK-PEN Datasheet
106Kb / 1P
Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
WMF CDE-WMF_18 Datasheet
270Kb / 4P
Polyester Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com