Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-90M Datasheet(PDF) 63 Page - STMicroelectronics

Part # PSD835G2-90M
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90M Datasheet(HTML) 63 Page - STMicroelectronics

Back Button PSD835G2-90M Datasheet HTML 59Page - STMicroelectronics PSD835G2-90M Datasheet HTML 60Page - STMicroelectronics PSD835G2-90M Datasheet HTML 61Page - STMicroelectronics PSD835G2-90M Datasheet HTML 62Page - STMicroelectronics PSD835G2-90M Datasheet HTML 63Page - STMicroelectronics PSD835G2-90M Datasheet HTML 64Page - STMicroelectronics PSD835G2-90M Datasheet HTML 65Page - STMicroelectronics PSD835G2-90M Datasheet HTML 66Page - STMicroelectronics PSD835G2-90M Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 110 page
background image
PSD8XX Family
PSD835G2
62
9.4.6 Port D – Functionality and Structure
Port D has four I/O pins. See Figure 27. Port D can be configured to program one more of
the following functions:
t MCU I/O Mode
t CPLD Input – direct input to CPLD, no Input Micro
⇔Cells
Port D pins can be configured in PSDsoft as input pins for other dedicated functions:
t PD0 – ALE, as address strobe input
t PD1 – CLKIN, as clock input to the Micro
⇔Cells Flip Flops and APD counter
t PD2 – CSI, as active low chip select input. A high input will disable the
Flash/SRAM and CSIOP.
t PD3 – as DBE input from 68HC912
9.4.7 Port E – Functionality and Structure
Port E can be configured to perform one or more of the following functions (see Figure 28):
t MCU I/O Mode
t In-System Programming – JTAG port can be enabled for programming/erase of the
PSD8XX device. (See Section 9.6 for more information on JTAG programming.)
t Open Drain – Port E pins can be configured in Open Drain Mode
t Battery Backup features – PE6 can be configured as a Battery Input (Vstby) pin.
PE7 can be configured as a Battery On Indicator output
pin, indicating when Vcc is less than Vbat.
t Latched Address Output – Provided latched address (A7-0) output
DATA OUT
REG.
DQ
DQ
WR
WR
READ MUX
P
D
B
CPLD - INPUT
DIR REG.
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT D PIN
DATA OUT
Figure 27. Port D Structure
The
PSD835G2
Functional
Blocks
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com