Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB6NB90 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB6NB90
Description  N - CHANNEL 900V - 1.7OHM - 5.8A - D2PAK PowerMESHO MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6NB90 Datasheet(HTML) 1 Page - STMicroelectronics

  STB6NB90 Datasheet HTML 1Page - STMicroelectronics STB6NB90 Datasheet HTML 2Page - STMicroelectronics STB6NB90 Datasheet HTML 3Page - STMicroelectronics STB6NB90 Datasheet HTML 4Page - STMicroelectronics STB6NB90 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STB6NB90
N - CHANNEL 900V - 1.7
Ω - 5.8A - D2PAK
PowerMESH
™ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 1.7
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
s
ADD SUFFIX "T4" FOR ORDERING IN TAPE
& REEL (500 UNITS)
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced
family
of
power
MOSFETs
with
outstanding
performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
February 1999
D
2PAK
TO-263
TYPE
VDSS
RDS(on)
ID
STB6NB90
900 V
< 2.0
Ω
5.8 A
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
900
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
900
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc = 25
oC
5.8
A
ID
Drain Current (continuous) at Tc = 100
oC
3.6
A
IDM(
•)
Drain Current (pulsed)
23
A
Ptot
Total Dissipation at Tc = 25
o C
135
W
Derating Factor
1.08
W/
o C
dv/dt(1)
Peak Diode Recovery voltage slope
4.5
V/ns
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Limited only by maximum temperature allowed
(1) ISD
≤ 6 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
1/5


Similar Part No. - STB6NB90

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB6NB90 ISC-STB6NB90 Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB6NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4NB50 STMICROELECTRONICS-STB4NB50 Datasheet
64Kb / 6P
N - CHANNEL 500V - 2.5ohm - 3.8A - D2PAK/I2PAK PowerMESHO MOSFET
Oct-1998
STB6LNC60 STMICROELECTRONICS-STB6LNC60 Datasheet
422Kb / 9P
N-CHANNEL 600V - 1Ω - 5.8A D2PAK PowerMesh™ II MOSFET
Oct-2001
STB6NB50 STMICROELECTRONICS-STB6NB50 Datasheet
92Kb / 9P
N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
Nov-1999
STP6NB90 STMICROELECTRONICS-STP6NB90 Datasheet
109Kb / 9P
N - CHANNEL 900V - 1.7ohm - 5.8A - TO-220/TO-220FP PowerMESH MOSFET
Jun-1999
STW6NB90 STMICROELECTRONICS-STW6NB90 Datasheet
51Kb / 5P
N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET
Feb-1999
STP6NK90Z STMICROELECTRONICS-STP6NK90Z Datasheet
483Kb / 12P
N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
Mar-2003
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
10-Apr-2007
logo
E-CMOS Corporation
EC733322 E-CMOS-EC733322 Datasheet
321Kb / 4P
30V, 5.8A N-Channel MOSFET
logo
KIA Semiconductor Techn...
6N70S KIA-6N70S Datasheet
266Kb / 6P
5.8A,700V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com