Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FVXO-PC72 Datasheet(PDF) 6 Page - Fox Electronics

Part # FVXO-PC72
Description  LVPECL 7 x 5mm 2.5V VCXO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-PC72 Datasheet(HTML) 6 Page - Fox Electronics

Back Button FVXO-PC72 Datasheet HTML 2Page - Fox Electronics FVXO-PC72 Datasheet HTML 3Page - Fox Electronics FVXO-PC72 Datasheet HTML 4Page - Fox Electronics FVXO-PC72 Datasheet HTML 5Page - Fox Electronics FVXO-PC72 Datasheet HTML 6Page - Fox Electronics FVXO-PC72 Datasheet HTML 7Page - Fox Electronics FVXO-PC72 Datasheet HTML 8Page - Fox Electronics FVXO-PC72 Datasheet HTML 9Page - Fox Electronics FVXO-PC72 Datasheet HTML 10Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FVXO-PC72 Series
Page 6 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Pin Description and Recommended Circuit
Pin #
Name
Type
Function
1
VC
Control
Frequency Control by changing voltage
2
E / D
1
Logic
Enable / Disable Control of Output (0 = Disabled)
3
GND
Ground
Electrical Ground for VDD
4
Output
Output
LVPECL Oscillator Output
5
Output 2
Output
Complementary LVPECL Output
6
VDD
2
Power
Power Supply Source Voltage
NOTES:
1 Includes pull-up resistor to V
DD to provide output when the pin (2)is No Connect.
2 Installation should include a 0.01µF bypass capacitor placed between V
DD
(Pin 6)and GND (Pin 3) to minimize power supply line noise.
VC
VDD
E / D
Output 2
GND
Output
Terminations as viewed from the Top
Enable / Disable Control
Pin # 2 (state)
Output (Pin # 4, Pin # 5)
OPEN (No Connection)
ACTIVE Output
“1” Level VIH ≥ 70% VDD
ACTIVE Output
“0” Level VIL ≤ 30% VDD
High Impedance
3
1
4
6
Soldering Reflow Profile (2 times Maximum at 260°C for 10 seconds MAX)
25°C
160°C
180°C
225°C
260°C
10 Seconds Max
within 5°C of 260°C peak
Ramp Down
Not to exceed 6°C/s
Ramp-Up
3°C/s Max
p
t
120 ± 20 Seconds
In Pre-heating Area
Above 225°C Reflow Area
50±10 Seconds
400 Seconds MAX from +25°C to 260°C peak
2
5
# 5
# 2
E / D
V -2V
GND
DD
# 3
# 4
LVPECL OUTPUT
0.01 F
50
50
# 1
# 6
LVPECL OUTPUT2
0.01 F
VDD
VC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com