Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9004APQV Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9004APQV
Description  300mA, Low Noise, Ultra-Fast CMOS Triple LDOs Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9004APQV Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9004APQV Datasheet HTML 3Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 4Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 5Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 6Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 7Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 8Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 9Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 10Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RT9004
Preliminary
7
DS9004-00 February 2008
www.richtek.com
Time (100
μs/Div)
CIN = COUT = 1uF
Line Transient Response
ILOAD = 50mA
5
4
3
20
0
-20
Time (100
μs/Div)
CIN = COUT = 1uF
Line Transient Response
ILOAD = 250mA
5
4
3
50
0
-50
Time (100
μs/Div)
VIN = 3.3V
CIN = COUT = 1uF
Load Transient Response
VOUT = 1.5V
ILOAD = 1mA to 250mA
400
200
0
50
0
-50
Start Up
EN
(2V/Div)
Time (10
μs/Div)
VOUT1
(2V/Div)
VOUT2
(2V/Div)
VOUT3
(200mV/Div)
VIN = 3.3V, CIN = 2.2
μF
VIN = 3.3V, CIN = 2.2
μF
Start Up
EN
(2V/Div)
Time (25
μs/Div)
VOUT1
(2V/Div)
VOUT2
(2V/Div)
VOUT3
(2V/Div)
Time (100
μs/Div)
VIN = 3.3V
CIN = COUT = 1uF
Load Transient Response
VOUT = 1.5V
ILOAD= 1mA to 50mA
100
50
0
50
0
-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com