Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A3941KLP-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A3941KLP-T
Description  Automotive Full Bridge MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3941KLP-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A3941KLP-T Datasheet HTML 5Page - Allegro MicroSystems A3941KLP-T Datasheet HTML 6Page - Allegro MicroSystems A3941KLP-T Datasheet HTML 7Page - Allegro MicroSystems A3941KLP-T Datasheet HTML 8Page - Allegro MicroSystems A3941KLP-T Datasheet HTML 9Page - Allegro MicroSystems A3941KLP-T Datasheet HTML 10Page - Allegro MicroSystems A3941KLP-T Datasheet HTML 11Page - Allegro MicroSystems A3941KLP-T Datasheet HTML 12Page - Allegro MicroSystems A3941KLP-T Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Automotive Full Bridge MOSFET Driver
A3941
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Table 1. Phase Control Truth Table
Inputs
Outputs
Bridge
Mode of Operation
PWMH
PWML
PHASE
SR
GHA GLA GHB GLB
SA
SB
1
1
1
X
H
L
L
H
HS
LS
Bridge driven with A high and B low
1
1
0
X
L
H
H
L
LS
HS
Bridge driven with B high and A low
0
1
X
1
L
H
L
H
LS
LS
Slow decay, both low-side on or low-side brake
1
0
X
1
H
L
H
L
HS
HS
Slow decay, both high-side on or high-side brake
0
1
1
0
L
L
L
H
Z
LS
Slow decay, current flow A to B, low-side diode rectification
0
1
0
0
L
H
L
L
LS
Z
Slow decay, current flow B to A, low-side diode rectification
1
0
1
0
H
L
L
L
HS
Z
Slow decay, current flow A to B, high-side diode rectification
1
0
0
0
L
L
H
L
Z
HS
Slow decay, current flow B to A, high-side diode rectification
0
0
X
X
LLLL
Z
Z
Fast decay, diode rectification/coast
X = don’t care (same for input 1 or input 0), HS = high-side FET active, LS = low-side FET active, Z = high impedance, both FETs off
Table 2. PWM Options
Inputsa
PWM Effectb
Decay
Mode of Operation
SR
PWMH
PWML
PHASE
100%
0%
X
1
1
PWM
A to B
B to A
Fast
Full four-quadrant control, zero average load current at 50% PWM
0
PWM
PWM
1
A to B
Coast
Fast
Fast decay, diode recirculation or coast
0
B to A
1
PWM
1
1
A to B
Brake
Slow
High-side PWM, low-side MOSFET recirculation
0
B to A
1
1
PWM
1
A to B
Brake
Slow
Low-side PWM, high-side MOSFET recirculation
0
B to A
0
PWM
1
1
A to B
Brakec
Slow
High-side PWM, low-side diode recirculation
0
B to A
0
1
PWM
1
A to B
Brakec
Slow
Low-side PWM, high-side diode recirculation
0
B to A
X
0
0
X
Coast
Coast
Fast
Coast, all MOSFETs off
aX indicates don’t care condition. The action is the same for input 1 or input 0.
bPWM Effect indicates the effect on the load current direction or the equivalent action.
cWith SR disabled, braking is only effective in one direction when sufficient forward voltage is available to allow the diode to conduct.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com