Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STC06IE170HV Datasheet(PDF) 3 Page - STMicroelectronics

Part # STC06IE170HV
Description  Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC06IE170HV Datasheet(HTML) 3 Page - STMicroelectronics

  STC06IE170HV Datasheet HTML 1Page - STMicroelectronics STC06IE170HV Datasheet HTML 2Page - STMicroelectronics STC06IE170HV Datasheet HTML 3Page - STMicroelectronics STC06IE170HV Datasheet HTML 4Page - STMicroelectronics STC06IE170HV Datasheet HTML 5Page - STMicroelectronics STC06IE170HV Datasheet HTML 6Page - STMicroelectronics STC06IE170HV Datasheet HTML 7Page - STMicroelectronics STC06IE170HV Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STC06IE170HV
Electrical characteristics
3/8
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICS(SS)
Collector-source current
(VBS=VGS=0V)
VCS(SS)=1700V
100
µA
IBS(OS)
Base-source current
(IC=0, VGS=0V)
VBS(OS)=30V
10
µA
ISB(OS)
Source-base current
(IC=0, VGS=0V)
VSB(OS)=17V
100
µA
IGS(OS)
Gate-source leakage
(VBS=0V)
VGS = ±17V
100
nA
VCS(ON) Collector-source ON voltage
VGS=10V; IC =6; IB =1.2A
VGS=10V; IC =2; IB =0.2A
1
0.6
V
V
hFE
DC current gain
VCS=1V; VGS=10V; IC =6A
VCS=1V; VGS=10V; IC =2A
5.5
11
VBS(ON) Base-source ON voltage
VGS=10V; IC =6; IB =1.2A
VGS=10V; IC =2; IB =0.12A
1.3
0.9
V
V
VGS(th)
Gate threshold voltage
VBS=VGS; IB =250µA
2
3
4
V
Ciss
Input capacitance
VCS=25V; VGS=0V; f =1MHz
TBD
pF
QGS(tot) Gate-source charge
VGS=10V
TBD
nC
ts
tf
Inductive load
Storage time
Fall time
TBD
TBD
ns
ts
tf
Inductive load
Storage time
Fall time
TBD
TBD
ns
VCS(dyn)
Collector-source dynamic
voltage (500ns)
TBD
TBD
V
VCS(dyn)
Collector-source dynamic
voltage (1
µs)
TBD
TBD
V
VCSW
Maximum collector-source
voltage switched without
snubber
RG=47Ω; hFE=5; IC=6A
1700
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com