Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGF19NC60HD Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGF19NC60HD
Description  19 A - 600 V - very fast IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF19NC60HD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGF19NC60HD Datasheet HTML 10Page - STMicroelectronics STGF19NC60HD Datasheet HTML 11Page - STMicroelectronics STGF19NC60HD Datasheet HTML 12Page - STMicroelectronics STGF19NC60HD Datasheet HTML 13Page - STMicroelectronics STGF19NC60HD Datasheet HTML 14Page - STMicroelectronics STGF19NC60HD Datasheet HTML 15Page - STMicroelectronics STGF19NC60HD Datasheet HTML 16Page - STMicroelectronics STGF19NC60HD Datasheet HTML 17Page - STMicroelectronics STGF19NC60HD Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Package mechanical data
STGB/F/P/W19NC60HD
14/18
Dim.
mm.
inch
Min.
Typ
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.017
0.027
F
0.75
1.00
0.0300.039
F1
1.15
1.50
0.045
0.067
F2
1.15
1.50
0.045
0.067
G4.955.20
0.1950.204
G1
2.40
2.70
0.094
0.106
H
10
10.40
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.80
10.60
0.385
0.417
L5
2.93.6
0.114
0.141
L6
15.90
16.40
0.626
0.645
L7
99.300.354
0.366
Dia3
3.2
0.118
0.126
TO-220FP mechanical data
L2
L6
L3
12 3
L7
L4
L5
7012510-I
Dia



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com