Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STBV32 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STBV32
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBV32 Datasheet(HTML) 2 Page - STMicroelectronics

  STBV32 Datasheet HTML 1Page - STMicroelectronics STBV32 Datasheet HTML 2Page - STMicroelectronics STBV32 Datasheet HTML 3Page - STMicroelectronics STBV32 Datasheet HTML 4Page - STMicroelectronics STBV32 Datasheet HTML 5Page - STMicroelectronics STBV32 Datasheet HTML 6Page - STMicroelectronics STBV32 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Junction-case
Max
112
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICEV
Collector Cut -of f
Current (VBE =-1.5V)
VCE = 700V
VCE = 700V
Tj = 125
oC
1
5
mA
mA
IEBO
Emitter Cut -off
Current (IC =0)
VEB =9 V
1
mA
VCEO(sus )
∗ Collector-Emitter
Sustaining Voltage
(IB =0)
IC =10 mA
L= 25 mH
400
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC =0. 5 A
IB =0. 1 A
IC =1 A
IB =0.25 A
IC =1.5 A
IB =0.5 A
0.5
1
3
V
V
V
VBE(s at)
∗ Base-Emitter
Saturation Voltage
IC =0.5 A
IB =0.1 A
IC =1 A
IB =0.25 A
1.0
1.2
V
V
hFE
DC Current Gain
IC =0. 5 A
VCE =2 V
IC =1 A
VCE =2 V
8
5
35
25
tr
ts
tf
RESI STIVE LO AD
Rise Time
St orage Time
Fall Time
IC =1 A
VCC =125 V
IB1 =0.2 A
IB2 =-0.2 A
Tp=25
µs
1.0
4.0
0.7
µs
µs
µs
ts
INDUCTIVE LO AD
St orage Time
IC =1 A
IB1 =0.2 A
VBE = -5V
L= 50 mH
Vcla mp =300 V
0.8
µs
∗ Pulsed: Pulse duration = 300µs, duty cycle = 1.5 %.
STBV32
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com