Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGP19NC60KD Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGP19NC60KD
Description  20 A - 600 V - short circuit rugged IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP19NC60KD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGP19NC60KD Datasheet HTML 3Page - STMicroelectronics STGP19NC60KD Datasheet HTML 4Page - STMicroelectronics STGP19NC60KD Datasheet HTML 5Page - STMicroelectronics STGP19NC60KD Datasheet HTML 6Page - STMicroelectronics STGP19NC60KD Datasheet HTML 7Page - STMicroelectronics STGP19NC60KD Datasheet HTML 8Page - STMicroelectronics STGP19NC60KD Datasheet HTML 9Page - STMicroelectronics STGP19NC60KD Datasheet HTML 10Page - STMicroelectronics STGP19NC60KD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STGB19NC60KD - STGF19NC60KD - STGP19NC60KD
Electrical characteristics
7/17
2.1
Electrical characteristics (curves)
Figure 2.
Output characteristics
Figure 3.
Transfer characteristics
Figure 4.
Transconductance
Figure 5.
Collector-emitter on voltage vs
temperature
Figure 6.
Gate charge vs gate-source voltage Figure 7.
Capacitance variations
0
20
40
60
80
100
IC(A)
0
5
10
15
20
25
30VCE(V)
HV43020
VGE=15V
14V
13V
12V
11V
10V
9V
8V
0
20
40
60
80
100
IC(A)
VCE = 15 V
0
3
5
8
10
13
15
VGE(V)
HV43025
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
Gfs(S)
HV43110
2
46
8
10
12
TJ=-50°C
TJ=25°C
TJ=125°C
IC(A)
1.2
1.4
1.5
1.7
1.8
2.0
2.1
2.3
2.4
HV43100_b
VCE(sat)
(V)
-75
-50 -25
0
25
50
75 100 125 150 TJ(°C)
25A
12A
6A
0
500
1000
1500
2000
C(pF)
010
2 0
3 04 0
HV43000
Cies
Coes
Cres
V CE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com