Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS612 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS612
Description  STMicroelectronics Solutions for ADSL Line Interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS612 Datasheet(HTML) 8 Page - STMicroelectronics

  TS612 Datasheet HTML 1Page - STMicroelectronics TS612 Datasheet HTML 2Page - STMicroelectronics TS612 Datasheet HTML 3Page - STMicroelectronics TS612 Datasheet HTML 4Page - STMicroelectronics TS612 Datasheet HTML 5Page - STMicroelectronics TS612 Datasheet HTML 6Page - STMicroelectronics TS612 Datasheet HTML 7Page - STMicroelectronics TS612 Datasheet HTML 8Page - STMicroelectronics TS612 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/9
TA0313
STMicroelectronics Solutions for ADSL Line Interfaces
A good impedance matching assumes:
Equation 5
From Equation 3 and Equation 5 we derive:
Equation 6
By fixing an arbitrary value for R2 in Equation 6, we arrive at:
Finally, the values of R2 and R3 allow us to extract R1 from Equation 1 so that:
Equation 7
with GL the required gain.
Capabilities
The table below shows the calculated components for different values of k for a differential load of 25
Ω.
In all cases, R2=1000
Ω and the gain=16dB. The last column displays the maximum amplitude level on
the line regarding the TS613 maximum output capabilities (18Vp-p diff.) and a 1:2 line transformer ratio.
Measurement of power consumption in application
Conditions:
l Passive impedance matching
l Transformer turns ratio: 2
l Maximum level required on the line: 12.4Vpp
l Maximum output level of the driver: 12.4Vpp
GL (gain for the loaded system)
GL is fixed for the application requirements
GL=Vo/Vi=0.5(1+2R2/R1+R2/R3)/(1-R2/R3)
R1
2R2/[2(1-R2/R3)GL-1-R2/R3]
R2 (=R4)
Arbitrarily fixed
R3 (=R5)
R2/(1-Rs/0.5RL)
Rs
0.5RL(k-1)
Active matching
k
R1
(
Ω)
R3
(
Ω)
Rs
(
Ω)
TS613 Output Level to get
12.4Vpp on the line with a
turn ratio of 2.
(Vp-p diff)
Maximum Line Level
(Vp-p diff)
1.3
953
1400
3.75 (3.9//100)
8.06
27.5
1.4
590
1620
5 (10//10)
8.68
25.7
1.5
422
2000
6.36 (6.8//100)
9.35
25.3
1.6
316
2490
7.57 (8.2//100)
9.95
23.7
1.7
261
3300
8.71 (10//68)
10.52
22.3
Passive matching
12.4
18
Ro
1
2
--- RL
=
R2
R3
-------
1
2Rs
RL
-----------
–
=
R3
R2
1
2Rs
RL
-----------
–
--------------------
=
R 1
2R2
21
R2
R3
-------
–

 G
L
1
–
R2
R3
-------
–
--------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com