Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12M Datasheet(PDF) 21 Page - STMicroelectronics

Part # PSD4235G2V-12M
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12M Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PSD4235G2V-12M Datasheet HTML 17Page - STMicroelectronics PSD4235G2V-12M Datasheet HTML 18Page - STMicroelectronics PSD4235G2V-12M Datasheet HTML 19Page - STMicroelectronics PSD4235G2V-12M Datasheet HTML 20Page - STMicroelectronics PSD4235G2V-12M Datasheet HTML 21Page - STMicroelectronics PSD4235G2V-12M Datasheet HTML 22Page - STMicroelectronics PSD4235G2V-12M Datasheet HTML 23Page - STMicroelectronics PSD4235G2V-12M Datasheet HTML 24Page - STMicroelectronics PSD4235G2V-12M Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
21/89
PSD4235G2
Primary Flash Memory and Secondary Flash
memory Description. The primary Flash memo-
ry is divided evenly into 8 sectors. The secondary
Flash memory is divided evenly into 4 sectors.
Each sector of either memory block can be sepa-
rately protected from Program and Erase cycles.
Flash memory may be erased on a sector-by-sec-
tor basis, and programmed word-by-word. Flash
sector erasure may be suspended while data is
read from other sectors of the block and then re-
sumed after reading.
During a Program or Erase cycle in Flash memory,
the status can be output on the Ready/Busy pin
(PE4). This pin is set up using PSDsoft Express.
Memory Block Select Signals. The DPLD gen-
erates the Select signals for all the internal memo-
ry blocks (see the section entitled “PLDs”, on page
31). Each of the sectors of the primary Flash mem-
ory has a Select signal (FS0-FS7) which can con-
tain up to three product terms. Each of the sectors
of the secondary Flash memory has a Select sig-
nal (CSBOOT0-CSBOOT3) which can contain up
to three product terms. Having three product terms
for each Select signal allows a given sector to be
mapped in different areas of system memory.
When using a MCU with separate Program and
Data space (80C51XA), these flexible Select sig-
nals allow dynamic re-mapping of sectors from
one memory space to the other before and after
IAP. The SRAM block has a single Select signal
(RS0).
Ready/Busy (PE4). This signal can be used to
output the Ready/Busy status of the PSD. The out-
put is a 0 (Busy) when a Flash memory block is be-
ing written to,
or when a Flash memory block is
being erased. The output is a 1 (Ready) when no
Write or Erase cycle is in progress.
Memory Operation. The primary Flash memory
and secondary Flash memory are addressed
through the MCU Bus Interface. The MCU can ac-
cess these memories in one of two ways:
s
The MCU can execute a typical bus Write or
Read
operation just as it would if accessing a
RAM or ROM device using standard bus cycles.
s
The MCU can execute a specific instruction that
consists of several Write and Read operations.
This involves writing specific data patterns to
special addresses within the Flash memory to
invoke an embedded algorithm. These
instructions are summarized in Table 29.
Typically, the MCU can read Flash memory using
Read operations, just as it would read a ROM de-
vice. However, Flash memory can only be erased
and programmed using specific instructions. For
example, the MCU cannot write a single byte di-
rectly to Flash memory as one would write a byte
to RAM. To program a word into Flash memory,
the MCU must execute a Program instruction, then
test the status of the Programming event. This sta-
tus test is achieved by a Read operation or polling
Ready/Busy (PE4).
Flash memory can also be read by using special
instructions to retrieve particular Flash device in-
formation (sector protect status and ID).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com