Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD10NF06L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD10NF06L
Description  N-CHANNEL 60V - 0.1ohm - 10A DPAK STripFET™ POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10NF06L Datasheet(HTML) 3 Page - STMicroelectronics

  STD10NF06L Datasheet HTML 1Page - STMicroelectronics STD10NF06L Datasheet HTML 2Page - STMicroelectronics STD10NF06L Datasheet HTML 3Page - STMicroelectronics STD10NF06L Datasheet HTML 4Page - STMicroelectronics STD10NF06L Datasheet HTML 5Page - STMicroelectronics STD10NF06L Datasheet HTML 6Page - STMicroelectronics STD10NF06L Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
STD10NF06L
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD = 30V, ID = 5A
RG = 4.7Ω VGS = 4.5V
(see test circuit, Figure 3)
10
ns
tr
Rise Time
50
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 48V, ID = 10A,
VGS = 5V
6
3
2.5
8
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off-Delay Time
Fall Time
VDD = 30V, ID = 5A,
RG =4.7Ω, VGS = 4.5V
(see test circuit, Figure 5)
20
10
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
10
A
ISDM (2)
Source-drain Current (pulsed)
40
A
VSD (1)
Forward On Voltage
ISD = 10A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 10A, di/dt = 100A/µs,
VDD = 20V, Tj = 150°C
(see test circuit, Figure 5)
30
50
3
ns
nC
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com