Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

381EL331M200J012 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 381EL331M200J012
Description  105 ?C Ultra-Long Life Snap-In, Aluminum
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

381EL331M200J012 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  381EL331M200J012 Datasheet HTML 1Page - List of Unclassifed Manufacturers 381EL331M200J012 Datasheet HTML 2Page - List of Unclassifed Manufacturers 381EL331M200J012 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381EL331M200J012 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381EL331M200J012 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 381EL 105 ºC Ultra-Long Life Snap-In, Aluminum
Ratings
ESR Max
@ 25º C
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
ESR Max
@ 25º C
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
DF Max
120Hz
Cap.
(µF)
Catalog
Part Number
DF Max
120Hz
160 Vdc (200 Vdc Surge)
180 Vdc (225 Vdc Surge)
270
381EL271M160H012
0.12
0.66
0.30
1.10
1.54
22 x 25
220
381EL221M180H012
0.12
0.80
0.36
1.00
1.40
22 x 25
330
381EL331M160H022
0.12
0.54
0.24
1.20
1.68
22 x 30
270
381EL271M180H012
0.12
0.66
0.30
1.10
1.54
22 x 25
390
381EL391M160H022
0.12
0.45
0.20
1.30
1.82
22 x 30
330
381EL331M180H022
0.12
0.54
0.24
1.20
1.68
22 x 30
390
381EL391M160J012
0.12
0.45
0.20
1.30
1.82
25 x 25
330
381EL331M180J012
0.12
0.54
0.24
1.20
1.68
25 x 25
470
381EL471M160H032
0.12
0.38
0.17
1.40
1.96
22 x 35
390
381EL391M180H022
0.12
0.45
0.20
1.30
1.82
22 x 30
470
381EL471M160J022
0.12
0.38
0.17
1.40
1.96
25 x 30
390
381EL391M180J012
0.12
0.45
0.20
1.30
1.82
25 x 25
560
381EL561M160H042
0.12
0.32
0.14
1.50
2.10
22 x 40
470
381EL471M180H032
0.12
0.38
0.17
1.40
1.96
22 x 35
560
381EL561M160J022
0.12
0.32
0.14
1.50
2.10
25 x 30
470
381EL471M180J022
0.12
0.38
0.17
1.40
1.96
25 x 30
560
381EL561M160K012
0.12
0.32
0.14
1.50
2.10
30 x 25
470
381EL471M180K012
0.12
0.38
0.17
1.40
1.96
30 x 25
680
381EL681M160H452
0.12
0.26
0.12
1.70
2.38
22 x 45
560
381EL561M180H042
0.12
0.32
0.14
1.50
2.10
22 x 40
680
381EL681M160J032
0.12
0.26
0.12
1.70
2.38
25 x 35
560
381EL561M180J032
0.12
0.32
0.14
1.50
2.10
25 x 35
680
381EL681M160K022
0.12
0.26
0.12
1.70
2.38
30 x 30
560
381EL561M180K012
0.12
0.32
0.14
1.50
2.10
30 x 25
820
381EL821M160J042
0.12
0.22
0.10
2.00
2.80
25 x 40
680
381EL681M180H052
0.12
0.26
0.12
1.70
2.38
22 x 50
820
381EL821M160K022
0.12
0.22
0.10
2.00
2.80
30 x 30
680
381EL681M180J042
0.12
0.26
0.12
1.70
2.38
25 x 40
1000
381EL102M160J452
0.12
0.18
0.08
2.20
3.08
25 x 45
680
381EL681M180K022
0.12
0.26
0.12
1.70
2.38
30 x 30
1000
381EL102M160K032
0.12
0.18
0.08
2.20
3.08
30 x 35
820
381EL821M180J452
0.12
0.22
0.10
2.00
2.80
25 x 45
1200
381EL122M160J052
0.13
0.16
0.08
2.30
3.22
25 x 50
820
381EL821M180K032
0.13
0.23
0.11
2.00
2.80
30 x 35
1200
381EL122M160K042
0.13
0.16
0.08
2.30
3.22
30 x 40
820
381EL821M180A022
0.13
0.23
0.11
2.00
2.80
35 x 30
1200
381EL122M160A032
0.13
0.16
0.08
2.30
3.22
35 x 35
1000
381EL102M180K042
0.13
0.19
0.10
2.20
3.08
30 x 40
1500
381EL152M160K452
0.13
0.13
0.06
2.50
3.50
30 x 45
1000
381EL102M180A022
0.13
0.19
0.10
2.20
3.08
35 x 30
1500
381EL152M160A032
0.13
0.13
0.06
2.50
3.50
35 x 35
1200
381EL122M180K452
0.13
0.16
0.08
2.30
3.22
30 x 45
1800
381EL182M160K052
0.14
0.12
0.06
2.70
3.78
30 x 50
1200
381EL122M180A032
0.14
0.17
0.09
2.30
3.22
35 x 35
1800
381EL182M160A042
0.14
0.12
0.06
2.70
3.78
35 x 40
1500
381EL152M180K052
0.14
0.14
0.07
2.50
3.50
30 x 50
2200
381EL222M160A052
0.14
0.09
0.06
2.90
4.06
35 x 50
1500
381EL152M180A042
0.14
0.14
0.07
2.50
3.50
35 x 40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com