Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD17NF03L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD17NF03L
Description  N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD17NF03L Datasheet(HTML) 2 Page - STMicroelectronics

  STD17NF03L Datasheet HTML 1Page - STMicroelectronics STD17NF03L Datasheet HTML 2Page - STMicroelectronics STD17NF03L Datasheet HTML 3Page - STMicroelectronics STD17NF03L Datasheet HTML 4Page - STMicroelectronics STD17NF03L Datasheet HTML 5Page - STMicroelectronics STD17NF03L Datasheet HTML 6Page - STMicroelectronics STD17NF03L Datasheet HTML 7Page - STMicroelectronics STD17NF03L Datasheet HTML 8Page - STMicroelectronics STD17NF03L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STD17NF03L
2/9
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Rthj-case
Thermal Resistance Junction-case Max
7.5
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
275
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125 °C
10
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ±20V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
1V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 8.5 A
0.038
0.05
Ω
VGS = 5 V, ID = 8.5 A
0.045
0.06
ID(on)
On State Drain Current
VDS > ID(on) x RDS(on)max,
VGS =10V
17
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS > ID(on) x RDS(on)max,
ID =11A
7S
Ciss
Input Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
330
pF
Coss
Output Capacitance
90
pF
Crss
Reverse Transfer
Capacitance
40
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com