Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5705PAPRG4 Datasheet(PDF) 15 Page - Texas Instruments

Part # TAS5705PAPRG4
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705PAPRG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS5705PAPRG4 Datasheet HTML 11Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 12Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 13Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 14Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 15Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 16Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 17Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 18Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
BACK-END ERROR (BKND_ERR)
BKND_ERR
VALID
t
w(ER)
t
p(valid_high)
t
p(valid_low)
Normal
Operation
Normal
Operation
T0031-04
MUTE TIMING (MUTE)
t
d(VOL)
VOLUME
MUTE
Normal
Operation
Normal
Operation
t
d(VOL)
50-50
DutyCycle
T0032-03
TAS5705
www.ti.com ...................................................................................................................................................................................................... SLOS549 – JUNE 2008
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tw(ER)
Minimum pulse duration, BKND_ERR active (active-low)
350
ns
tp(valid_high)
Programmable. Time to stay in the VALID (reset to the power stage) low state. After
tp(valid_high), the TAS5705 attempts to bring the system out of the VALID low state if
300
ms
BKND_ERR is high.
tp(valid_low)
Time TAS5705 takes to bring VALID (reset to the power stage) low after BKND_ERR
ns
400
assertion.
Figure 9. Error Recovery Timing
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Volume ramp time (= number of steps × step size). Number of steps is defined by volume
td(VOL)
configuration register 0x0E (see Volume Configuration Register). Step size = 4 LRCLKs if
1024
steps
fS ≤ 48 kHz; else 8 LRCLKs if fS ≤ 96 kHz ; else 16 LRCLKs
Figure 10. Mute Timing
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com