Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7264BCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD7264BCPZ
Description  1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7264BCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7264BCPZ Datasheet HTML 13Page - Analog Devices AD7264BCPZ Datasheet HTML 14Page - Analog Devices AD7264BCPZ Datasheet HTML 15Page - Analog Devices AD7264BCPZ Datasheet HTML 16Page - Analog Devices AD7264BCPZ Datasheet HTML 17Page - Analog Devices AD7264BCPZ Datasheet HTML 18Page - Analog Devices AD7264BCPZ Datasheet HTML 19Page - Analog Devices AD7264BCPZ Datasheet HTML 20Page - Analog Devices AD7264BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD7264
Rev. A | Page 17 of 32
TYPICAL CONNECTION DIAGRAMS
Figure 26 and Figure 27 are typical connection diagrams for the
AD7264. In these configurations, the AGND pin is connected
to the analog ground plane of the system, and the DGND pin is
connected to the digital ground plane of the system. The analog
inputs on the AD7264 are true differential and have an input
impedance in excess of 1 GΩ; thus, no driving op amps are
required. The AD7264 can operate with either an internal or an
external reference. In Figure 26, the AD7264 is configured to
operate in control register mode; thus, G0 to G3, PD1, and PD2
can be connected to ground (low logic state). Figure 27 has the
gain pins configured for a gain of 2 setup; thus, the device is in
pin driven mode. Both circuit configurations illustrate the use
of the internal 2.5 V reference.
The CA_CBVCC and CC_CDVCC pins can be connected to either a
3 V or 5 V supply voltage. The AVCC pin must be connected to
a 5 V supply. All supplies should be decoupled with a 100 nF
capacitor at the device pin, and some supply sources may
require a 10 μF capacitor where the source is supplied to the
circuit board. The VDRIVE pin is connected to the supply voltage
of the microprocessor. The voltage applied to the VDRIVE input
controls the voltage of the serial interface. VDRIVE can be set to
3 V or 5 V.
10µF1
100nF
VDRIVE
VDRIVE
3V OR 5V
SUPPLY
MICROPROCESSOR/
MICROCONTROLLER
10µF1
COMPARATOR
SUPPLY 3V TO 5V2
100nF
100nF
100nF
ANALOG
SUPPLY
+5V
10µF1 100nF
100nF
100nF
100nF
100nF
VDRIVE
G0
G1
G2
G3
SCLK
DOUTA
DOUTB
REFSEL
CAL
PD0/DIN
PD1
PD2
13 14 15 16
45 46 47 48
25 26 29 30
22
23
36
24
32
35
34
37
38
39
40
27
31
21
3.125V
VA– AND VA+
CONNECT
DIRECTLY
TO SENSOR
OUTPUTS
THIS REFERENCE SIGNAL
MUST BE BUFFERED
BEFORE IT CAN BE
USED ELSEWHERE IN
THE CIRCUIT
2.500V
1.875V
GAIN 2
3.125V
2.500V
1.875V
GAIN 2
3.125V
2.500V
1.875V
GAIN 2
3.125V
2.500V
1.875V
GAIN 2
VB– AND VB+
CONNECT
DIRECTLY
TO SENSOR
OUTPUTS
1µF
1µF
17 44 5 6 8 19 42 28 2 7 11 20 41 12 1 33
VB–
VB+
VREFB
VREFA
VA+
VA–
10
9
18
43
4
3
AD7264
FAST PROPAGATION DELAY
COMPARATOR INPUTS
1THESE CAPACITORS ARE PLACED AT THE SUPPLY SOURCE AND MAY NOT BE REQUIRED IN ALL SYSTEMS.
2THIS SUPPLY CAN BE CONNECTED TO THE ANALOG 5V SUPPLY IF REQUIRED.
LOW POWER
COMPARATOR INPUTS
SERIAL
INTERFACE
CS
Figure 26. Typical Connection Diagram for the AD7264 in Control Register Mode (All Gain Pins Tied to Ground) Configured for a PGA Gain of 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com