Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-15M Datasheet(PDF) 47 Page - STMicroelectronics

Part # PSD835G2-15M
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-15M Datasheet(HTML) 47 Page - STMicroelectronics

Back Button PSD835G2-15M Datasheet HTML 43Page - STMicroelectronics PSD835G2-15M Datasheet HTML 44Page - STMicroelectronics PSD835G2-15M Datasheet HTML 45Page - STMicroelectronics PSD835G2-15M Datasheet HTML 46Page - STMicroelectronics PSD835G2-15M Datasheet HTML 47Page - STMicroelectronics PSD835G2-15M Datasheet HTML 48Page - STMicroelectronics PSD835G2-15M Datasheet HTML 49Page - STMicroelectronics PSD835G2-15M Datasheet HTML 50Page - STMicroelectronics PSD835G2-15M Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 110 page
background image
PSD8XX Family
PSD835G2
46
The
PSD835G2
Functional
Blocks
(cont.)
Configuration
80C251
Connecting to
Page Mode
Read/Write
PSD835G2
Pins
Pins
WR
CNTL0
Non-Page Mode, 80C31 compatible
1
RD
CNTL1
A
[7:0] multiplex with D[7:0}
PSEN
CNTL2
2
WR
CNTL0
Non-Page Mode
PSEN only
CNTL1
A
[7:0] multiplex with D[7:0}
3
WR
CNTL0
Page Mode
PSEN only
CNTL1
A
[15:8] multiplex with D[7:0}
4
WR
CNTL0
Page Mode
RD
CNTL1
A
[15:8] multiplex with D[7:0}
PSEN
CNTL2
Table 15. 80C251 Configurations
9.3.3.3 80C51XA
The Philips 80C51XA microcontroller family supports an 8- or 16-bit multiplexed bus that
can have burst cycles. Address bits A[3:0] are not multiplexed, while A[19:4] are
multiplexed with data bits D[15:0] in 16-bit mode. In 8-bit mode, A[11:4] are multiplexed
with data bits D[7:0].
The 80C51XA can be configured to operate in eight-bit data mode. (shown in Figure 22).
The 80C51XA improves bus throughput and performance by executing Burst cycles for
code fetches. In Burst Mode, address A19-4 are latched internally by the PSD835G2, while
the 80C51XA changes the A3-0 lines to fetch up to 16 bytes of code. The PSD access
time is then measured from address A3-A0 valid to data in valid. The PSD bus timing
requirement in Burst Mode is identical to the normal bus cycle, except the address setup
and hold time with respect to ALE does not apply.
9.3.3.4 68HC11
Figure 23 shows an interface to a 68HC11 where the PSD835G2 is configured in 8-bit
multiplexed mode with E and R/W settings. The DPLD can generate the READ and WR
signals for external devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com