Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GLSVR4700 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GLSVR4700
Description  SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLSVR4700 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GLSVR4700 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLSVR4700 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLSVR4700 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLSVR4700 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLSVR4700 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLSVR4700 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLSVR4700 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLSVR4700 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLSVR4700 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SURFACE MOUNT INDUCTORS AND TRANSFORMERS
SG-890A
2
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
APPLICATIONS
• RF circuits
• Telecommunications
• Mobile radio
FEATURES
• Compact design
• Suitable for automatic insertion
• For reflow and vapor phase soldering
• Wide frequency range
• Max 5 connections
SMD TUNABLE RF COIL
5.0 x 5.0 x 5.1 mm — GLSV & GLSA SERIES
SPECIFICATIONS
Operating Temperature Range: –40°C to +85°C
Power Loss at 40°C: approx. 100 mW max
Soldering Heat Resistance: 260°C, 5 s
Inductance Range: 14 nH - 680
µH
Frequency Range: 0.5 - 300 MHz
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.
0.24
6.2
0.14
3.5
0.14
3.5
0.04
0.9
0.167
4.25
0.20
5.0
0.28
7.0
0.02
0.5
0.20
5.0
0.33
8.5
0.02
0.4
PAD LAYOUT
TYP
TYP
1
23
4
5
SQ
0.17
4.3
0.039
1.00
+ 0.006
_ 0.000
+ 0.15
_ 0.00
SQUARE
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80MHz
40MHz
21.4MHz
10.7MHz
5MHz
1MHz
0.45MHz
INDUCTANCE (
µH)
Q
0.1
1
10
100
1000
10
20
30
40
50
60
70
0
80
Q
3.2
µH
1.5
µH
1.3
µH
0.75
µH
0.4
µH
30
µH
0.02
µH
FREQUENCY (MHz)
TYPICAL Q vs. INDUCTANCE
TYPICAL Q vs. FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com