Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GLSVR6800 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GLSVR6800
Description  SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLSVR6800 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GLSVR6800 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLSVR6800 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLSVR6800 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLSVR6800 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLSVR6800 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLSVR6800 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLSVR6800 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLSVR6800 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLSVR6800 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SURFACE MOUNT INDUCTORS AND TRANSFORMERS
SG-890A
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
7
SURFACE MOUNT INDUCTORS AND TRANSFORMERS
SG-890A
3 dB
Loss at 20 MHz
Turns
Band Limits
(dB)
Model
Ratio
(MHz)
max
Number
1 : 1 : 1
4.5 - 1000
0.7
GLSB4R5M102
TRANSFORMER WITH 2 WINDINGS AND CENTER TAP
3 dB
Loss at 20 MHz
Impedance
Turns
Band Limits
(dB)
Model
(
Ω)
Ratio
(MHz)
max
Number
50 : 200
1 : 2
10 - 1200
0.5
GLSU10M122
BALUN TRANSFORMER
Number
Inductance
Inductance
of
(2 to 3)
(2 to 4)
Model
Turns
(
µH)
(
µH)
Number
2 x 2
0.42 ± 25%
1.68 ± 25%
GLSD02/02H1R68
POWER SPLITTER
2
4
3
2
4
1
5
3
2
4
1
5
3
1
10
100
1000
10000
-10
-7
-6
-3
-2
-1
0
-4
-5
-8
-9
FREQUENCY (MHz)
dB
TYPICAL INSERTION LOSS
1
10
100
1000
10000
-10
-7
-6
-3
-2
-1
0
-4
-5
-8
-9
FREQUENCY (MHz)
dB
TYPICAL INSERTION LOSS
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.
0.22
5.5
0.08
2.0
PAD LAYOUT
0.04
1.0
0.12
3.0
TYP
TYP
0.059
1.5
0.22
5.5
0.08
2.0
PAD LAYOUT
0.04
1.0
0.12
3.0
TYP
TYP
0.059
1.5
PAD LAYOUT
0.12
3.0
0.08
2.0
0.04
1.0
TYP
0.059
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com