Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GLSV2R200 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GLSV2R200
Description  SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLSV2R200 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GLSV2R200 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 11Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SURFACE MOUNT INDUCTORS AND TRANSFORMERS
SG-890A
8
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
APPLICATIONS
• RF circuits
• Mobile Radio
• Satellite TV
SPECIFICATIONS
Operating Temperature Range: –40°C to +125°C
Soldering Heat Resistance: 230°C, 5 s
SMD WIDEBAND TRANSFORMER
6.5 x 5.7 x 4.0 mm — GLSJ SERIES
FEATURES
• Compact design
• Suitable for automatic insertion
• For reflow and vapor phase soldering
• Ceramic base
• Terminals are formed from the ends of the coil
windings, eliminating solder joints between the
coil and the terminals which could open from the
heat of circuit assembly.
1 dB
Loss at 20 MHz
No. of
Band Limits
(dB)
Model
Turns
(MHz)
max
Number
4 x 4.5
20 - 400
0.8
GLSJ4/5T401
4 x 2.5
20 - 750
0.8
GLSJ4/3T751
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.
2
4
1
5
3
0.16
± 0.004
4.0
± 0.1
0.22
± 0.006
5.7
± 0.15
0.26
±0.006
6.5
± 0.15
15
24
3
0.31
8.0
0.098
2.5
PAD LAYOUT
0.047
1.2
0.16
4.0
TYP
TYP
0.08
2.0
1
10
100
1000
10000
-14
-12
-6
-4
-2
0
-8
-10
-16
-18
FREQUENCY (MHz)
dB
0.1
1
10
100
1000
10000
-14
-12
-6
-4
-2
0
-8
-10
FREQUENCY (MHz)
dB
0.1
INSERTION LOSS - GLSJ4/3T751
INSERTION LOSS - GLSJ4/5T401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com