Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89S2051-24SC Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT89S2051-24SC
Description  8-bit Microcontroller with 2K/4K Bytes Flash
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S2051-24SC Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT89S2051-24SC Datasheet HTML 37Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 38Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 39Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 40Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 41Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 42Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 43Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 44Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 45Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
44
3390C–MICRO–7/05
AT89S2051/S4051
56.2
20S2 – SOIC
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
20S2, 20-lead, 0.300" Wide Body, Plastic Gull
Wing Small Outline Package (SOIC)
1/9/02
20S2
A
A1
End View
Side View
Top View
H
E
b
N
1
e
A
D
C
COMMON DIMENSIONS
(Unit of Measure = inches)
SYMBOL
MIN
NOM
MAX
NOTE
Notes: 1. This drawing is for general information only; refer to JEDEC Drawing MS-013, Variation AC for additional information.
2. Dimension "D" does not include mold Flash, protrusions or gate burrs. Mold Flash, protrusions and gate burrs shall not exceed
0.15 mm (0.006") per side.
3. Dimension "E" does not include inter-lead Flash or protrusion. Inter-lead Flash and protrusions shall not exceed 0.25 mm
(0.010") per side.
4. "L" is the length of the terminal for soldering to a substrate.
5. The lead width "b", as measured 0.36 mm (0.014") or greater above the seating plane, shall not exceed a maximum value of 0.61 mm
(0.024") per side.
A
0.0926
0.1043
A1
0.0040
0.0118
b
0.0130
0.0200
4
C
0.0091
0.0125
D
0.4961
0.5118
1
E
0.2914
0.2992
2
H
0.3940
0.4190
L
0.0160
0.050
3
e
0.050 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com