Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD35NF06L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD35NF06L
Description  N-CHANNEL 60V - 0.014ohm - 35A DPAK STripFET?줚I MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD35NF06L Datasheet(HTML) 1 Page - STMicroelectronics

  STD35NF06L Datasheet HTML 1Page - STMicroelectronics STD35NF06L Datasheet HTML 2Page - STMicroelectronics STD35NF06L Datasheet HTML 3Page - STMicroelectronics STD35NF06L Datasheet HTML 4Page - STMicroelectronics STD35NF06L Datasheet HTML 5Page - STMicroelectronics STD35NF06L Datasheet HTML 6Page - STMicroelectronics STD35NF06L Datasheet HTML 7Page - STMicroelectronics STD35NF06L Datasheet HTML 8Page - STMicroelectronics STD35NF06L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
November 2003
STD35NF06L
N-CHANNEL 60V - 0.014
Ω - 35A DPAK
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.014 Ω
s
LOW THRESHOLD DRIVE
s
GATE CHARGE MINIMIZED
s
SURFACE-MOUNTING DPAK (TO-252)
POWER PACKAGE IN TAPE & REEL
(SUFFIX “T4")
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™" strip-
based process. The resulting transistor shows extremely
high packing density for low on-resistance, rugged
avalanche characteristics and less critical alignment
steps
therefore
a
remarkable
manufacturing
reproducibility.
APPLICATIONS
s
DC-AC CONVERTERS
s
AUTOMOTIVE SWITCHING APPLICATION
TYPE
VDSS
RDS(on)
ID
STD35NF06L
60 V
< 0.017
Ω
35 A
1
3
DPAK
TO-252
(Suffix “T4”)
INTERNAL SCHEMATIC DIAGRAM
Ordering Information
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(1) ISD ≤35A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Starting Tj = 25 oC, ID = 30A, VDD =30V
SALES TYPE
MARKING
PACKAGE
PACKAGING
STD35NF06LT4
D35NF06L
TO-252
TAPE & REEL
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuous) at TC = 25°C
35
A
ID
Drain Current (continuous) at TC = 100°C
24.5
A
IDM(•)
Drain Current (pulsed)
140
A
Ptot
Total Dissipation at TC = 25°C
80
W
Derating Factor
0.67
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
5
V/ns
EAS (2)
Single Pulse Avalanche Energy
280
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Operating Junction Temperature


Similar Part No. - STD35NF06L

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
STD35NF06L UMW-STD35NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
logo
EVER SEMICONDUCTOR CO.,...
STD35NF06L EVVOSEMI-STD35NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
Rev:2023A2
logo
VBsemi Electronics Co.,...
STD35NF06LT4 VBSEMI-STD35NF06LT4 Datasheet
989Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STD35NF06LT4 STMICROELECTRONICS-STD35NF06LT4 Datasheet
650Kb / 14P
N-channel 60 V, 0.014 Ω, 35 A STripFET™ II Power MOSFET in a DPAK package
19-Apr-2012
STD35NF06L STMICROELECTRONICS-STD35NF06L_V01 Datasheet
650Kb / 14P
N-channel 60 V, 0.014 Ω, 35 A STripFET™ II Power MOSFET in a DPAK package
19-Apr-2012
More results

Similar Description - STD35NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NE06L-16 STMICROELECTRONICS-STB60NE06L-16 Datasheet
85Kb / 8P
N - CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET
May-2000
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
425Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET™ POWER MOSFET
Feb-2001
STD10NF06L STMICROELECTRONICS-STD10NF06L Datasheet
302Kb / 7P
N-CHANNEL 60V - 0.1ohm - 10A DPAK STripFET™ POWER MOSFET
Nov-2001
STD30NF06L STMICROELECTRONICS-STD30NF06L Datasheet
461Kb / 10P
N-CHANNEL 60V - 0.022Ω - 35A DPAK/IPAK STripFET™ POWER MOSFET
Jul-2002
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET™ II POWER MOSFET
Oct-2002
STP55NF06L STMICROELECTRONICS-STP55NF06L Datasheet
454Kb / 12P
N-CHANNEL 60V - 0.014ohm - 55A TO-220/FP/D2PAK/I2PAK STripFET™ I POWER MOSFET
Aug-2002
STD35NF3LL STMICROELECTRONICS-STD35NF3LL_07 Datasheet
318Kb / 13P
N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
STD35NF06 STMICROELECTRONICS-STD35NF06 Datasheet
319Kb / 13P
N-channel 60V - 0.018Ω - 35A - DPAK STripFET??II Power MOSFET
20-Feb-2007
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
13-Jul-2006
STD60NF06T4 STMICROELECTRONICS-STD60NF06T4 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK
13-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com