Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLP331M300EA0A Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # MLP331M300EA0A
Description  85 ?C Flatpack, Ultra-Long Life, Aluminum
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLP331M300EA0A Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  MLP331M300EA0A Datasheet HTML 1Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 2Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 3Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 4Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type MLP 85 ºC Flatpack, Ultra-Long Life, Aluminum
Outline Drawings
Case
Code
Length
L (in)
Weight
(g)
EK
1.5
30
EA
2.0
42
EB
3.0
66
Load Life:
2,000 h @ +85 °C, ∆ Capacitance ±10%,
ESR 200% of limit, DCL 100% of limit, height 0.5 in. max
Shelf Life:
500 h at 85 °C, capacitance, ESR and DCL, initial requirements.
Height 0.5 in max. Typical warehouse storage life is more then 25 years.
Thermal Resistance:
Vibration:
10 Hz to 2 kHz, 0.06” pp max and 10 g, MIL-STD-202, Meth. 204
ESL:
<30 nH measured 1/4” from case at 1 MHz
Weight:
Case EK 30 g typical
Case EA 42 g typical
Case EB 66 g typical
Terminals:
8 AWG copper wire with 60/40 tin-lead electroplate
Style C: No Tabs
Style D: Hook Leads
Style B: Four Leads
Style A: Mounting Tabs
MLP
102
M
200
EB
O
A
Type
Capacitance Tolerance
Rated
Voltage
Case Code
Insulation
Mounting Style
MLP
821=820 µF
102 = 1000 µF
M=±20%
Vdc
EK, L=1.5 in.
EA, L=2.0 in
EB, L=3.0 in.
0 = bare can
1 = polyester
A = mounting tabs
B = four leads
C = two leads/no tabs
D = hook leads/tabs
E = hook leads/no tabs
Mounting tabs and negative lead are welded to the case.
Three negative leads are welded to the case.
The negative lead is welded to the case.
Mounting tabs and negative lead are welded to the case.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com