Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD4NB40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD4NB40
Description  N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH™ MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4NB40 Datasheet(HTML) 1 Page - STMicroelectronics

  STD4NB40 Datasheet HTML 1Page - STMicroelectronics STD4NB40 Datasheet HTML 2Page - STMicroelectronics STD4NB40 Datasheet HTML 3Page - STMicroelectronics STD4NB40 Datasheet HTML 4Page - STMicroelectronics STD4NB40 Datasheet HTML 5Page - STMicroelectronics STD4NB40 Datasheet HTML 6Page - STMicroelectronics STD4NB40 Datasheet HTML 7Page - STMicroelectronics STD4NB40 Datasheet HTML 8Page - STMicroelectronics STD4NB40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
June 2001
STD4NB40
STD4NB40-1
N-CHANNEL 400V - 1.47
Ω - 4A DPAK/IPAK
PowerMESH™ MOSFET
s
TYPICAL RDS(on) = 1.47 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
ADD SUFFIX “T4” FOR ORDERING IN TAPE &
REEL
DESCRIPTION
Using the latest high voltage MESH OVERLAY™
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstanding
performances. The new patent pending strip layout
coupled with the Company’s proprieraty edge termi-
nation structure, gives the lowest RDS(on) per area,
exceptional avalanche and dv/dt capabilities and
unrivalled gate charge and switching characteris-
tics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-DC CONVERTERS FOR TELECOM,
INDUSTRIAL, AND LIGHTING EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STD4NB40
400 V
< 1.8
Ω
4 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
400
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
400
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuos) at TC = 25°C
4A
ID
Drain Current (continuos) at TC = 100°C
2.52
A
IDM (q)
Drain Current (pulsed)
16
A
PTOT
Total Dissipation at TC = 25°C
60
W
Derating Factor
0.47
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
4
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1) ISD≤ 4A, di/dt≤200 A/µs, VDD≤ V(BR)DSS, Tj≤TjMAX
INTERNAL SCHEMATIC DIAGRAM
1
3
TO-252
DPAK
3
2
1
IPAK
TO-251


Similar Part No. - STD4NB40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NB25 STMICROELECTRONICS-STD4NB25 Datasheet
67Kb / 6P
N - CHANNEL 250V - 0.95ohm - 4A - DPAK/IPAK PowerMESHO MOSFET
Feb-2000
More results

Similar Description - STD4NB40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NB60 STMICROELECTRONICS-STD1NB60 Datasheet
66Kb / 6P
N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
Nov-1999
STD1NB80 STMICROELECTRONICS-STD1NB80 Datasheet
66Kb / 6P
N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Jul-1999
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh™ MOSFET
Sep-2001
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
May-1998
STD6NC40 STMICROELECTRONICS-STD6NC40 Datasheet
272Kb / 9P
N-CHANNEL 400V - 0.75ohm - 5A - DPAK / IPAK PowerMesh™ I MOSFET
Mar-2001
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH™ MOSFET
Jul-2002
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STB11NB40-1 STMICROELECTRONICS-STB11NB40-1 Datasheet
245Kb / 11P
N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
14-Apr-2004
STD5NK40ZT4 STMICROELECTRONICS-STD5NK40ZT4 Datasheet
608Kb / 13P
N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com