Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPD6631 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD6631
Description  2.8 - 4 AMPS 200 - 1000 VOLTS 30 - 60 nsec HYPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD6631 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD6631 Datasheet HTML 1Page - Solid States Devices, Inc SPD6631 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0113D
DOC
ELECTRICAL CHARACTERISTICS
Symbol
Min
Max
Unit
SPD6626 -
SPD6628
IF = 2 Adc
IF = 4 Adc
VF1
VF2
––
––
1.5
1.6
Vdc
SPD6629 -
SPD6630
IF = 1.4 Adc
IF = 3 Adc
VF1
VF2
––
––
1.6
1.8
Vdc
Instantaneous Forward Voltage Drop
(TA = 25
oC, 300μsec Pulse)
SPD6631
IF = 1.4 Adc
IF = 2 Adc
VF1
VF2
––
––
1.7
1.95
Vdc
Reverse Leakage Current
(At Rated VR, 300μsec pulse minimum)
TA = 25
oC
TA = 100
oC
IR1
IR2
––
––
10
1000
μA
Junction Capacitance
(VR = 10 VDC, TA = 25
oC, f = 1 MHz)
SPD6626
SPD6627 - SPD6628
CJ
––
100
50
pF
Ta = 25
oC
Ta = 100
oC
trr1
trr2
––
30
90
nsec
SPD6629 -
SPD6630
Ta = 25
oC
Ta = 100
oC
trr1
trr2
––
50
100
nsec
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA)
SPD6631
Ta = 25
oC
Ta = 100
oC
trr1
trr2
––
60
120
nsec
Case Outline: (Axial)
DIM
MIN
MAX
A
––
0.165”
B
––
0.220”
C
0.047”
0.053”
C (B variant)
.038”
.042”
D
.950”
––
Case Outline: (SMS)
DIM
MIN
MAX
A
0.172”
0.180”
B
0.180”
0.280”
C
0.022”
0.028”
D
0.002”
––
Note: Dimensions prior to soldering.
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD6626 thru SPD6631
SPD6626SMS thru SPD6631SMS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com