Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7566 Datasheet(PDF) 66 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 62Page - Analog Devices ADE7566 Datasheet HTML 63Page - Analog Devices ADE7566 Datasheet HTML 64Page - Analog Devices ADE7566 Datasheet HTML 65Page - Analog Devices ADE7566 Datasheet HTML 66Page - Analog Devices ADE7566 Datasheet HTML 67Page - Analog Devices ADE7566 Datasheet HTML 68Page - Analog Devices ADE7566 Datasheet HTML 69Page - Analog Devices ADE7566 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 66 of 136
Table 46. Temperature and Supply Delta SFR (DIFFPROG, 0xF3)
Bit No.
Mnemonic
Default
Description
7 to 6
Reserved
0
Reserved.
Difference threshold between last temperature measurement interrupting 8052 and new
temperature measurement that should interrupt 8052.
TEMP_DIFF[2:0]
Result
000
No interrupt
001
1 LSB (≈ 0.8°C)
010
2 LSB (≈ 1.6°C)
011
3 LSB (≈ 2.4°C)
100
4 LSB (≈ 3.2°C)
101
5 LSB (≈ 4°C)
110
6 LSB (≈ 4.8°C)
5 to 3
TEMP_DIFF[2:0]
0
111
Every temperature measurement
Difference threshold between last external voltage measurement interrupting 8052 and new
external measurement that should interrupt 8052.
VDCIN_DIFF[2:0]
Result
000
No interrupt
001
1 LSB (≈ 120 mV)
010
2 LSB (≈ 240 mV)
011
3 LSB (≈ 360 mV)
100
4 LSB (≈ 480 mV)
101
5 LSB (≈ 600 mV)
110
6 LSB (≈ 720 mV)
2 to 0
VDCIN_DIFF[2:0]
0
111
Every VDCIN measurement
Table 47. Start ADC Measurement SFR (ADCGO, 0xD8)
Bit No.
Address
Mnemonic
Default
Description
7
0xDF
PLLACK
0
Set this bit to clear the PLL fault bit, PLL_FLT, in the PERIPH register. A PLL fault is
generated if a reset was caused because the PLL lost lock.
6 to 3
0xDE to 0xDB
Reserved
0
Reserved.
2
0xDA
VDCIN_ADC_GO
0
Set this bit to initiate an external voltage measurement. This bit is cleared when
the measurement request is received by the ADC.
1
0xD9
TEMP_ADC_GO
0
Set this bit to initiate a temperature measurement. This bit is cleared when the
measurement request is received by the ADC.
0
0xD8
BATT_ADC_GO
0
Set this bit to initiate a battery measurement. This bit is cleared when the
measurement request is received by the ADC.
Table 48. Battery Detection Threshold SFR (BATVTH, 0xFA)
Bit No.
Mnemonic
Default
Description
7 to 0
BATVTH
0
The battery ADC value is compared to this register, the battery threshold register. If BATADC is
lower than the threshold, an interrupt is generated.
Table 49. VDCIN ADC Value SFR (VDCINADC, 0xEF)
Bit No.
Mnemonic
Default
Description
7 to 0
VDCINADC
0
The VDCIN ADC value in this register is updated when an ADC interrupt occurs.
Table 50. Battery ADC Value SFR (BATADC, 0xDF)
Bit No.
Mnemonic
Default
Description
7 to 0
BATADC
0
The battery ADC value in this register is updated when an ADC interrupt occurs.
Table 51. Temperature ADC Value SFR (TEMPADC, 0xD7)
Bit No.
Mnemonic
Default
Description
7 to 0
TEMPADC
0
The temperature ADC value in this register is updated when an ADC interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com