Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7169ASTZF16 Datasheet(PDF) 50 Page - Analog Devices

Part # ADE7169ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169ASTZF16 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADE7169ASTZF16 Datasheet HTML 46Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 47Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 48Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 49Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 50Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 51Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 52Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 53Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 50 of 148
When the period measurement is selected, the measurement
has a 2.44 μs/LSB (MCLK/10) when MCLK = 4.096 MHz,
which represents 0.014% when the line frequency is 60 Hz.
When the line frequency is 60 Hz, the value of the period
register is approximately 0d6827. The length of the register
enables the measurement of line frequencies as low as 12.5 Hz.
The period register is stable at ±1 LSB when the line is
established and the measurement does not change.
When the frequency measurement is selected, the measurement
has a 0.0625 Hz/LSB resolution when MCLK = 4.096MHz
which represents 0.104% when the line frequency is 60Hz.
When the line frequency is 60Hz, the value of the frequency
register is 0d960. The frequency register is stable at ±4 LSB
when the line is established and the measurement does not
change.
Line Voltage Sag Detection
In addition to the detection of the loss of the line voltage signal
(zero crossing), the ADE75XX/ADE71XX can also be
programmed to detect when the absolute value of the line
voltage drops below a certain peak value for a number of line
cycles. This condition is illustrated in Figure 31.
SAGCYC [7:0] = 0x04
3 LINE CYCLES
SAG RESET LOW
WHEN VOLTAGE CHANNEL
EXCEEDS SAGLVL [15:0] AND
SAG FLAG RESET
FULL SCALE
SAGLVL [15:0]
SAG FLAG
VOLTAGE CHANNEL
Figure 31. ADE75XX/ADE71XX Sag Detection
Figure 31 shows the line voltage falling below a threshold that is
set in the sag level register (SAGLVL[15:0]) for three line cycles.
The quantities 0 and 1 are not valid for the SAGCYC register,
and the contents represent one more than the desired number
of full line cycles. For example, when the sag cycle (SAGCYC[7:0])
contains 0x04, the SAG flag in the Power Management Interrupt
Flag SFR (IPSMF, 0xF8) is set at the end of the third line cycle
for which the line voltage falls below the threshold. If the SAG
enable bit in the Power Management Interrupt Enable SFR
(IPSME, 0xEC) is set the 8052 core has a pending Power Supply
Monitoring interrupt. The PSM interrupt stays active until the
SAG status bit is cleared—see Power Supply Monitor Interrupt
(PSM) section.
On Figure 31, the SAG flag is set as soon as the fifth line cycle
from the time when the signal on the Voltage channel first
dropped below the threshold level.
Sag Level Set
The contents of the sag level register (2 bytes) are compared to
the absolute value of the output from LPF1. Therefore, when
LPF1 is enabled, writing 0x2038 to the SAG level register puts
the sag detection level at full scale – see Figure 22. Writing 0x00
or 0x01 puts the sag detection level at 0. The SAG level register
is compared to the input of the ZX detection and detection is
made when the contents of the sag level register are greater.
Peak Detection
The ADE75XX/ADE71XX can also be programmed to detect
when the absolute value of the voltage or current channel
exceeds a specified peak value. Figure 32 illustrates the behavior
of the peak detection for the voltage channel. Both Voltage and
Current Channels are monitored at the same time.
PKV RESET LOW
WHEN RSTSTATUS
REGISTER IS READ
VPKLVL[15:0]
V2
READ RSTSTATUS
REGISTER
PKV INTERRUPT
FLAG
Figure 32. ADE75XX/ADE71XX Peak Level Detection
Figure 32 shows a line voltage exceeding a threshold that is set
in the voltage peak register (VPKLVL[15:0]). The voltage peak
event is recorded by setting the PKV flag in the Interrupt Status
Register 3 SFR (MIRQSTH, 0xDE). If the PKV enable bit is set
in the Interrupt Enable Register 3 SFR (MIRQENH, 0xDB), the
8052 core has a pending ADE interrupt. Similarly, the current
peak event is recorded by setting the PKI flag in Interrupt Status
Register 3 SFR (MIRQSTH, 0xDE). The ADE interrupt stays
active until the PKV or PKI status bits are cleared—see Energy
measurement interrupts section.
Peak Level Set
The contents of the VPKLVL and IPKLVL registers are
respectively compared to the absolute value of the voltage and
current channels two most significant bytes. Thus, for example,
the nominal maximum code from the Current Channel ADC
with a full-scale signal is 0x28F5C2—see the Current Channel
ADC section. Therefore, writing 0x28F5 to the IPKLVL register,
for example, puts the current channel peak detection level at full
scale and sets the current peak detection to its least sensitive
value. Writing 0x00 puts the Current channel detection level at
0. The detection is done by comparing the contents of the
IPKLVL register to the incoming Current channel sample. The
PKI flag indicates that the peak level is exceeded if the PKI or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com