Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7566ASTZF8-RL2 Datasheet(PDF) 47 Page - Analog Devices

Part # ADE7566ASTZF8-RL2
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL2 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADE7566ASTZF8-RL2 Datasheet HTML 43Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 44Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 45Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 46Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 47Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 48Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 49Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 50Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 47 of 136
Line Voltage Sag Detection
In addition to the detection of the loss of the line voltage signal
(zero crossing), the ADE7566/ADE7569 can also be
programmed to detect when the absolute value of the line
voltage drops below a certain peak value for a number of line
cycles. This condition is illustrated in Figure 44.
SAG RESET LOW
WHEN VOLTAGE
CHANNEL EXCEEDS
SAGLVL [15:0] AND
SAG FLAG RESET
FULL SCALE
SAGLVL [15:0]
SAG FLAG
SAGCYC [7:0] = 0x04
3 LINE CYCLES
VOLTAGE CHANNEL
Figure 44. SAG Detection
Figure 44 shows the line voltage falling below a threshold that is
set in the SAG level register (SAGLVL[15:0]) for three line
cycles. The quantities 0 and 1 are not valid for the SAGCYC
register, and the contents represent one more than the desired
number of full line cycles. For example, when the SAG cycle
(SAGCYC[7:0]) contains 0x04, FSAG in the Power
Management Interrupt Flag SFR (IPSMF, 0xF8) is set at the end
of the third line cycle after the line voltage falls below the
threshold. If the SAG enable bit (ESAG) in the Power
Management Interrupt Enable SFR (IPSME, 0xEC) is set, the
8052 core has a pending power supply monitoring interrupt.
The PSM interrupt stays active until the ESAG bit is cleared (see
the Power Supply Monitor Interrupt (PSM) section).
In Figure 44, the SAG flag (FSAG) is set on the fifth line cycle
after the signal on the voltage channel first dropped below the
threshold level.
Sag Level Set
The 2-byte contents of the SAG level register (SAGLVL, 0x14)
are compared to the absolute value of the output from LPF1.
Therefore, when LPF1 is enabled, writing 0x2038 to the SAG
level register puts the SAG detection level at full scale (see
Figure 36). Writing 0x00 or 0x01 puts the SAG detection level at
0. The SAG level register is compared to the input of the ZX
detection, and detection is made when the contents of the SAG
level register are greater.
Peak Detection
The ADE7566/ADE7569 can also be programmed to detect
when the absolute value of the voltage or current channel
exceeds a specified peak value. Figure 45 illustrates the behavior
of the peak detection for the voltage channel. Both voltage and
current channels are monitored at the same time.
PKV RESET
LOW WHEN
RSTSTATUS
REGISTER
IS READ
VPKLVL[15:0]
V2
READ RSTSTATUS
REGISTER
PKV INTERRUPT
FLAG
Figure 45. Peak Level Detection
Figure 45 shows a line voltage exceeding a threshold that is set
in the voltage peak register (VPKLVL[15:0]). The voltage peak
event is recorded by setting the PKV flag in the Interrupt Status
Register 3 SFR (MIRQSTH, 0xDE). If the PKV enable bit is set
in the Interrupt Enable Register 3 SFR (MIRQENH, 0xDB), the
8052 core has a pending ADE interrupt. Similarly, the current
peak event is recorded by setting the PKI flag in Interrupt Status
Register 3 SFR (MIRQSTH, 0xDE). The ADE interrupt stays
active until the PKV or PKI status bit is cleared (see the Energy
Measurement Interrupts section).
Peak Level Set
The contents of the VPKLVL and IPKLVL registers are compared
to the absolute value of the voltage and current channels 2 MSBs,
respectively. Thus, for example, the nominal maximum code
from the Current Channel ADC with a full-scale signal is
0x28F5C2 (see the Current Channel ADC section). Therefore,
writing 0x28F5 to the IPKLVL register puts the current channel,
peak detection level at full scale and sets the current peak
detection to its least sensitive value. Writing 0x00 puts the
current channel detection level at 0. The detection is done by
comparing the contents of the IPKLVL register to the incoming
current channel sample. The PKI flag indicates that the peak level is
exceeded. If the PKI or PKV bit is set in the Interrupt Enable
Register 3 SFR (MIRQENH, 0xDB), the 8052 core has a
pending ADE interrupt.
Peak Level Record
Each ADE7566/ADE7569 records the maximum absolute value
reached by the voltage and current channels in two different
registers, IPEAK and VPEAK, respectively. Each register is a 24-
bit unsigned register that is updated each time the absolute
value of the waveform sample from the corresponding channel
is above the value stored in the VPEAK or IPEAK register. The
contents of the VPEAK register correspond to the maximum
absolute value observed on the voltage channel input. The
contents of IPEAK and VPEAK represent the maximum
absolute value observed on the current and voltage input,
respectively. Reading the RSTVPEAK and RSTIPEAK registers
clears their respective contents after the read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com