Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7569ACPZF16-RL2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7569ACPZF16-RL2
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ACPZF16-RL2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7569ACPZF16-RL2 Datasheet HTML 14Page - Analog Devices ADE7569ACPZF16-RL2 Datasheet HTML 15Page - Analog Devices ADE7569ACPZF16-RL2 Datasheet HTML 16Page - Analog Devices ADE7569ACPZF16-RL2 Datasheet HTML 17Page - Analog Devices ADE7569ACPZF16-RL2 Datasheet HTML 18Page - Analog Devices ADE7569ACPZF16-RL2 Datasheet HTML 19Page - Analog Devices ADE7569ACPZF16-RL2 Datasheet HTML 20Page - Analog Devices ADE7569ACPZF16-RL2 Datasheet HTML 21Page - Analog Devices ADE7569ACPZF16-RL2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 18 of 136
Pin No.
Mnemonic
Description
43
P0.2/CF1/RTCCAL
General-Purpose Digital I/O Port 0.2. / Calibration Frequency Logic Output. The CF1 logic output gives
instantaneous active, reactive, or apparent power information / RTC Calibration Frequency Logic Output.
The RTCCAL logic output gives access to the calibrated RTC output.
44
SDEN/P2.3
This pin is used to enable serial download mode through a resistor when pulled low on power-up or reset.
On reset, this pin momentarily becomes an input and the status of the pin is sampled. If there is no pull-
down resistor in place, the pin momentarily goes high and then user code is executed. If a pull-down resistor
is in place, the embedded serial download/debug kernel executes and this pin remains low during internal
program execution. / General-Purpose Digital I/O Port 2.3.
45
BCTRL/INT1/P0.0
Digital Input for Battery Control. This logic input connects VDD or VBAT to VSW internally when set to logic high
or low, respectively. When left open, the connection between VDD or VBAT and VSW is selected internally.
/ External Interrupt Input. / General-Purpose Digital I/O Port 0.0.
46
XTAL2
A crystal can be connected across this pin and XTAL1 (see XTAL1 description below) to provide a clock
source for the ADE7566/ADE7569. The XTAL2 pin can drive one CMOS load when an external clock is
supplied at XTAL1 or by the gate oscillator circuit.
47
XTAL1
An external clock can be provided at this logic input. Alternatively, a parallel resonant AT crystal can be
connected across XTAL1 and XTAL2 to provide a clock source for the ADE7566/ADE7569. The clock
frequency for specified operation is 32.768 kHz.
48
INT0
Interrupt Input.
49, 50
VP, VN
Analog Inputs for Voltage Channel. These inputs are fully differential voltage inputs with a maximum
differential level of ±500 mV for specified operation. This channel also has an internal PGA.
51
EA
This pin is used as an input for emulation. When held high, this input enables the device to fetch code from
internal program memory locations. The ADE7566/ADE7569 do not support external code memory. This pin
should not be left floating.
52, 53
IP, IN
Analog Inputs for Current Channel. These inputs are fully differential voltage inputs with a maximum
differential level of ±500 mV for specified operation. This channel also has an internal PGA.
54
AGND
This pin provides the ground reference for the analog circuitry.
55
FP26
LCD Segment Output 26.
56
RESET
Reset Input, Active Low.
57
REFIN/OUT
This pin provides access to the on-chip voltage reference. The on-chip reference has a nominal value of
1.2 V ± 8% and a typical temperature coefficient of 50 ppm/°C maximum. This pin should be decoupled with
a 1 μF capacitor in parallel with a ceramic 100 nF capacitor.
58
VBAT
3.3 V Power Supply Input from the Battery. This pin is connected internally to VDD when the battery is
selected as the power supply for the ADE7566/ADE7569.
59
VINTA
This pin provides access to the on-chip 2.5 V analog LDO. No external active circuitry should be connected to
this pin. This pin should be decoupled with a 10 μF capacitor in parallel with a ceramic 100 nF capacitor.
60
VDD
3.3 V Power Supply Input from the Regulator. This pin is connected internally to VDD when the regulator is
selected as the power supply for the ADE7566/ADE7569. This pin should be decoupled with a 10 μF
capacitor in parallel with a ceramic 100 nF capacitor.
61
VSWOUT
3.3 V Power Supply Output. This pin provides the supply voltage for the LDOs and internal circuitry of the
ADE7566/ADE7569. This pin should be decoupled with a 10 μF capacitor in parallel with a ceramic 100 nF
capacitor.
62
VINTD
This pin provides access to the on-chip 2.5 V digital LDO. No external active circuitry should be connected to
this pin. This pin should be decoupled with a 10 μF capacitor in parallel with a ceramic 100 nF capacitor.
63
DGND
This pin provides the ground reference for the digital circuitry.
64
VDCIN
Analog Input for DC Voltage Monitoring. The maximum input voltage on this pin is 3.3 V with respect to
AGND. This pin is used to monitor the pre-regulated dc voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com