Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90USB128X Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT90USB128X
Description  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB128X Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT90USB128X Datasheet HTML 9Page - ATMEL Corporation AT90USB128X Datasheet HTML 10Page - ATMEL Corporation AT90USB128X Datasheet HTML 11Page - ATMEL Corporation AT90USB128X Datasheet HTML 12Page - ATMEL Corporation AT90USB128X Datasheet HTML 13Page - ATMEL Corporation AT90USB128X Datasheet HTML 14Page - ATMEL Corporation AT90USB128X Datasheet HTML 15Page - ATMEL Corporation AT90USB128X Datasheet HTML 16Page - ATMEL Corporation AT90USB128X Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
7618C–AVR–07/08
4.9
Erasing the Flash
The flow described below allows the user to erase the Flash memory.
The Full Chip erase command erases the whole Flash.
4.9.1
Request from Host
To start the erasing operation, the Host sends a DFU_DNLOAD request with a Write Command
in the data field (2 bytes).
4.9.2
Answers from Bootloader
The device has two possible answers to a DFU_GETSTATUS request:
• If the chip is protected from program access, an “err_WRITE” status is returned to the Host.
• Otherwise, the device status is “OK“.
4.10
Starting the Application
The flow described below allows to start the application directly from the bootloader upon a spe-
cific command reception.
Two options are possible:
•
Start the application with an internal hardware reset using watchdog.
When the device receives this command the watchdog is enabled and the bootloader enters
a waiting loop until the watchdog resets the device.
•
Start the application without reset.
A jump at the address 0000h is used to start the application without reset.
To start the application, the Host sends a DFU_DNLOAD request with the specified application
start type in the data field (3 or 5 bytes).
This request is immediately followed by a second DFU_DNLOAD request with no data field to
start the application with one of the 2 options.
IN
Byte value (1 byte)
SETUP
DFU_UPLOAD
OUT
ZLP
Command Identifier
data[0]
data[1]
data[2]
data[3]
data[4]
Description
Id_write_command
04h
00h
FFh
Full chip Erase (bits at FFh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com