Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90USB64X Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT90USB64X
Description  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB64X Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT90USB64X Datasheet HTML 4Page - ATMEL Corporation AT90USB64X Datasheet HTML 5Page - ATMEL Corporation AT90USB64X Datasheet HTML 6Page - ATMEL Corporation AT90USB64X Datasheet HTML 7Page - ATMEL Corporation AT90USB64X Datasheet HTML 8Page - ATMEL Corporation AT90USB64X Datasheet HTML 9Page - ATMEL Corporation AT90USB64X Datasheet HTML 10Page - ATMEL Corporation AT90USB64X Datasheet HTML 11Page - ATMEL Corporation AT90USB64X Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
7618C–AVR–07/08
4.5.3
Device State
The state reported is the current state of the device up to transmission of the response. The val-
ues specified in the bState field are identical to those reported in DFU_GETSTATUS.
4.5.4
DFU_ABORT request
The DFU_ABORT request forces the device to exit from any other state and return to the
DFU_IDLE state. The device sets the OK status on receipt of this request. For more information,
see the corresponding state transition summary.
4.6
Programming the Flash or EEPROM Data
The firmware image is downloaded via control-write transfers initiated by the DFU_DNLOAD
class-specific request. The host sends between bMaxPacketSize0 and wTransferSize bytes to
the device in a control-write transfer. Following each downloaded block, the host solicits the
device status with the DFU_GETSTATUS request.
As described in the USB DFU Specification, "Firmware images for specific devices are, by defi-
nition, vendor specific. It is therefore required that target addresses, record sizes, and all other
information relative to supporting an upgrade are encapsulated within the firmware image file. It
is the responsibility of the device manufacturer and the firmware developer to ensure that their
devices can process these encapsulated data. With the exception of the DFU file suffix, the con-
tent of the firmware image file is irrelevant to the host."
Firmware image:
• 32 bytes: Command
• X bytes: X is the number of byte (00h) added before the first significant byte of the firmware.
The X number is calculated to align the beginning of the firmware with the flash page. X =
start_address [32]. For example, if the start address is 00AFh (175d), X = 175 [32] = 15.
• The firmware
• The DFU Suffix on 16 Bytes.
Table 4-7.
DFU File Suffix
bmRequestType
bRequest
wValue
wIndex
wLength
Data
1010 0001b
DFU_GETSTATE (5)
Zero
Interface (4)
1
State
bmRequestType
bRequest
wValue
wIndex
wLength
Data
1010 0001b
DFU_ABORT (6)
Zero
Interface (4)
0
None
Offset
Field
Size
Value
Description
-0
dwCRC
4
Number
The CRC of the entire file, excluding dwCRC
-4
bLength
1
16
The length of this DFU suffix including dwCRC
-5
ucDfuSignature
3
5 : 44h
6 : 46h
7 : 55h
The unique DFU signature field
-8
bcdDFU
2
BCD
0100h
DFU specification number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com