| Electronic Components Datasheet Search |
|
AT89C51SND1C-ROTIL Datasheet(PDF) 121 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51SND1C-ROTIL Datasheet(HTML) 121 Page - ATMEL Corporation |
|
121 / 210 page ![]() 121 AT8xC51SND1C 4109E–8051–06/03 Figure 86. Data Block Transmission Flows Data Receiver Configuration To receive data from the card you must first configure the data controller in reception mode by clearing the DATDIR bit in MMCON1 register. Figure 87 summarizes the data stream reception flows in both polling and interrupt modes while Figure 88 summarizes the data block reception flows in both polling and interrupt modes, these flows assume that block length is greater than 16 Bytes. Data Reception The end of a data frame (block or stream) reception is signalled to you by the EOFI flag in MMINT register. This flag may generate an MMC interrupt request as detailed in Sec- tion "Interrupt", page 124. When this flag is set, 2 other flags in MMSTA register: DATFS and CRC16S give a status on the frame received. DATFS indicates if the frame format is correct or not: a valid End bit has been received, and CRC16S indicates if the CRC16 computation is correct or not. In case of data stream CRC16S has no meaning and stays cleared. According to the MMC specification data transmission from the card starts after the access time delay (formally N AC parameter) beginning from the End bit of the read com- mand. To avoid any locking of the MMC controller when card does not send its data (e.g. physically removed from the bus), you must launch a time-out period to exit from such situation. In case of time-out you may reset the data controller and its internal state machine by setting and clearing the DCR bit in MMCON2 register. Data Block Transmission Start Transmission DATEN = 1 DATEN = 0 FIFO Empty? F1EI or F2EI = 1? FIFO Filling write 8 data to MMDAT No More Data To Send? FIFOs Filling write 16 data to MMDAT a. Polling mode Data Block Initialization Start Transmission DATEN = 1 DATEN = 0 FIFOs Filling write 16 data to MMDAT Data Block Transmission ISR FIFO Filling write 8 data to MMDAT No More Data To Send? b. Interrupt mode FIFO Empty? F1EI or F2EI = 1? Mask FIFOs Empty F1EM = 1 F2EM = 1 Unmask FIFOs Empty F1EM = 0 F2EM = 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |