Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 117 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 117 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 113Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 114Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 115Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 116Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 117Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 118Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 119Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 120Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 121Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 210 page
background image
117
AT8xC51SND1C
4109E–8051–06/03
User may abort command loading by setting and clearing the CTPTR bit in MMCON0
register which resets the write pointer to the transmit FIFO.
Figure 82. Command Transmission Flow
Command Receiver
The end of the response reception is signalled to you by the EORI flag in MMINT regis-
ter. This flag may generate an MMC interrupt request as detailed in Section "Interrupt",
page 124. When this flag is set, 2 other flags in MMSTA register: RESPFS and CRC7S
give a status on the response received. RESPFS indicates if the response format is cor-
rect or not: the size is the one expected (48 bits or 136 bits) and a valid End bit has been
received, and CRC7S indicates if the CRC7 computation is correct or not. These Flags
are cleared when a command is sent to the card and updated when the response has
been received.
User may abort response reading by setting and clearing the CRPTR bit in MMCON0
register which resets the read pointer to the receive FIFO.
According to the MMC specification delay between a command and a response (for-
mally N
CR parameter) can not exceed 64 MMC clock periods. To avoid any locking of
the MMC controller when card does not send its response (e.g. physically removed from
the bus), user must launch a time-out period to exit from such situation. In case of time-
out user may reset the command controller and its internal state machine by setting and
clearing the CCR bit in MMCON2 register.
This time-out may be disarmed when receiving the response.
Command
Transmission
Load Command in
Buffer
MMCMD = index
MMCMD = argument
Configure Response
RESPEN = X
RFMT = X
CRCDIS = X
Transmit Command
CMDEN = 1
CMDEN = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com