Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 113 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 109Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 110Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 111Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 112Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 113Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 114Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 115Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 116Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 210 page
background image
113
AT8xC51SND1C
4109E–8051–06/03
Table 108. R3 Response Format (OCR Register)
Table 109. R4 Response Format (Fast I/O)
Table 110. R5 Response Format
Data Packet Format
There are 2 types of data packets: stream and block. As shown in Figure 77, stream
data packets have an indeterminate length while block packets have a fixed length
depending on the block length. Each data packet is preceded by a Start bit: a low level
on MCMD line and succeeded by an End bit: a high level on MCMD line. Due to the fact
that there is no predefined end in stream packets, CRC protection is not included in this
case. The CRC protection algorithm for block data is a 16-bit CCITT polynomial.
Figure 77. Data Token Format
Clock Control
The MMC bus clock signal can be used by the host to turn the cards into energy saving
mode or to control the data flow (to avoid under-run or over-run conditions) on the bus.
The host is allowed to lower the clock frequency or shut it down.
There are a few restrictions the host must follow:
•
The bus frequency can be changed at any time (under the restrictions of maximum
data transfer frequency, defined by the cards, and the identification frequency
defined by the specification document).
•
It is an obvious requirement that the clock must be running for the card to output
data or response tokens. After the last MultiMedia Card bus transaction, the host is
Bit Position
47
46
[45:40]
[39:8]
[7:1]
0
Width (bits)
1
1
6327
1
Value
‘0’‘0’‘111111’
-
‘1111111’‘1’
Description
Start bit
Transmission
bit
Reserved
OCR
register
Reserved
End bit
Bit Position
47
46
[45:40]
[39:8]
[7:1]
0
Width (bits)
11
6
32
7
1
Value
‘0’‘0’‘100111’
--
‘1’
Description
Start bit
Transmission
bit
Command
Index
Argument
CRC7
End bit
Bit Position
47
46
[45:40]
[39:8]
[7:1]
0
Width (bits)
1
1
6327
1
Value
‘0’‘0’‘101000’
--
‘1’
Description
Start bit
Transmission
bit
Command
Index
Argument
CRC7
End bit
0
Content
1
Sequential Data
CRC
Block Data
0
Content
1
Block Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com